Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 17Page - STMicroelectronics STPD01 Datasheet HTML 18Page - STMicroelectronics STPD01 Datasheet HTML 19Page - STMicroelectronics STPD01 Datasheet HTML 20Page - STMicroelectronics STPD01 Datasheet HTML 21Page - STMicroelectronics STPD01 Datasheet HTML 22Page - STMicroelectronics STPD01 Datasheet HTML 23Page - STMicroelectronics STPD01 Datasheet HTML 24Page - STMicroelectronics STPD01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Protection
Function
INT pin
STATUS
Pon pin
STATUS
The device follows a soft-start procedure when the temperature is below
135 °C with default output voltage value.
SCP (short-circuit
protection)
Active as soon as the device is in regulation (at the ends of the soft-start).
The protection is triggered when the output voltage is under the SCP
threshold and the Ipk threshold is detected. The device acts by suddenly
switching off both HS and LS MOSFET.
The device follows a soft-start procedure after 300 ms with default output
voltage value. The VOUT bits (reg 0x00) and Ilim bits (reg 0x01) are reset.
LOW
HIGH
IPK (inductor peak
current)
Active as soon as the device is enabled and PVIN/VCC voltage valid is
present (above the UVLO level), even during the soft-start.
The condition is checked cycle-bye-ycle on the high-side and triggered
once the current cross the IPK threshold.
The device reacts switching asynchronously (independent from oscillator
frequency) between Ipk and Ivalley with a given slope, dependent on L and
Cout.
LOW
HIGH
7.8.1
Overvoltage protection
Overvoltage protection behaves in different ways depending on the state of the device.
Case A) OV during Vout transition
In case an OV occurs during a Vout transition, the output voltage must be reset to 5 V (Vsafe). Therefore, the
following process applies:
OV event longer than deglitch time => REG 0x00 = 0x64 => after blanking time, the half-bridge is put in high
impedance if the OV condition is still present.
In case OV lasts less than deglitch time, the event is filtered.
Case B) OV during steady-state
Case B1) Vout=5 V
If OV event is detected, the half-bridge is just put in high impedance until the condition disappears.
Case B2) Vout different than 5 V
The following process applies:
OV event longer than deglitch time => REG 0x00 = 0x64 => after blanking time, the half-bridge is put in high
impedance if the OV condition is still present.
In case OV lasts less than deglitch time, the event is filtered.
7.9
Interrupt functionality
The interrupt output is activated on the edge of the fault and is reset once the fault disappears. To keep track of
the fault, the corresponding bit in the INT_LTCH register is set.
Such interrupt management process allows multiple interrupt tracking. The I2C master reads the INT_LTCH
register and optionally can read the INT_STAT to check if some fault is still active.
7.10
Switching frequency
The STPD01 allows two possible programmable switching frequencies (by I2C): 500 kHz (default) and 750 kHz
(reg 0x05 bit 2).
STPD01
Interrupt functionality
DS13473 - Rev 1
page 21/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com