Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet (PDF) - ON Semiconductor

FUSB3317 Datasheet PDF - ON Semiconductor
Part # FUSB3317
Download  FUSB3317 Download
File Size   495.19 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive USB Power Delivery Source Controller for USB-C

FUSB3317 Datasheet (PDF)

Go To PDF Page Download Datasheet
FUSB3317 Datasheet PDF - ON Semiconductor

Part # FUSB3317
Download  FUSB3317 Click to download

File Size   495.19 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive USB Power Delivery Source Controller for USB-C

FUSB3317 Datasheet (HTML) - ON Semiconductor


FUSB3317 Product details

FUSB3317 is a highly integrated USB Power Delivery (PD) power
Source controller for USB−C that implements all functionality of USB
Power Delivery 3.1 (PD) and Type−C 2.0 including Programmable
Power Supplies (PPS). The FUSB3317 directly interfaces with a
DC−DC regulator saving the cost of a load switch FET.
FUSB3317 supports various protections, adaptive Under Voltage
Protection (UVP), adaptive Over Voltage Protection (OVP), Over
Current Protection (OCP), CC1 and CC2 Over Voltage Protection
(CC_OVP), D+ and D− Over Voltage Protection (D_OVP), VCONN
Over Current Protection (VCONN_OCP), and internal and external
Over Temperature protection (I_TOP and E_OTP).

Features
• PD 3.1 v1.0 and Type−C 2.0 Compliant
• Constant Voltage (CV) and Constant Current Limit (CL) Regulation
• Small Current Sensing Resistor (5 m) for High Efficiency
• Directly Off Automotive Battery 4 V to 45 V Operation, Iq < 100 A
• CC1/CC2/D+/D− Pin Protection Up to 27 V
• Automatically Scales Power Based on VBAT & NTC Temperature
• Resistor Divider or Battery Charging (BC1.2) CDP Mode
• Internal VDD and VCONN Generation
• Adaptive UVP, Adaptive OVP, I_OTP, E_OTP, CC_OVP, D_OVP
and VCONN_OCP Fault Detection
• 20−pin 4 mm x 4 mm QFNW (Wettable Flanks) Package
• This is a Pb−Free Device

Typical Applications
• Power Delivery Source Controller
• DC−DC Controller Interface to USB−C Connector
End Products
• Automotive USB−C Charging Only Port
• Automotive USB−C Data and Charging Port
• Mobile and Computing Multi−Port Adapters
• Industrial Charging USB PD Ports




Similar Part No. - FUSB3317

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
FUSB3301MPX ONSEMI-FUSB3301MPX Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
FUSB3307 ONSEMI-FUSB3307 Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MNWTWG ONSEMI-FUSB3307D6MNWTWG Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MX ONSEMI-FUSB3307D6MX Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
More results


Similar Description - FUSB3317

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
USB Type-C Power Delivery Controller
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A12MWV-Z ROHM-BM92A12MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A13MWV-Z ROHM-BM92A13MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A21MWV-Z ROHM-BM92A21MWV-Z Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com