Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 3Page - ON Semiconductor FUSB3317 Datasheet HTML 4Page - ON Semiconductor FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FUSB3317
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued)
For typical values, VVVBAT = 12 V and TA = 25°C. For min/max values, VVVBAT = 5.5 V to 36 V and TJ = −40°C to 125°C; unless otherwise
noted.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
Over Current Protection (OCP) Sensing Section
Over Current Protection (OCP) threshold
percentage of maximum current
PD request for constant voltage
mode with VBUS at 5.2 V and 3 A
maximum current
IOCP*PER
109
120
124
%
OCP debounce time
Constant current exceeding
IOCP*PER
tOCP*DEB
50
60
70
ms
Current threshold on sensing resistor for
enabling discharge on DISC pin during a
voltage transition
VBUS is decreasing
ICS*DSCG
430
mA
Debounce time for enabling discharge on
DISC pin during a voltage transition
VBUS is decreasing
tCS*DSCG
0.6
1.0
ms
Constant Voltage Sensing Section
VFB Reference Voltage at 3.3 V
VBUS = 3.3 V, current sense resistor
voltage, Vcs = 0 V
VCVR−3.3V
0.32
0.33
0.34
V
VFB Reference Voltage at 5.2 V nominal
output voltage
VBUS = 5.2 V, current sense resistor
voltage, Vcs = 0 V
VCVR−5V
0.504
0.520
0.536
V
VFB Reference Voltage at 9 V nominal
output voltage
VBUS = 9 V, current sense resistor
voltage, Vcs = 0 V
VCVR−9V
0.873
0.900
0.927
V
VFB Reference Voltage at 15 V nominal
output voltage
VBUS = 15 V, current sense resistor
voltage, Vcs = 0 V
VCVR−15V
1.455
1.500
1.545
V
VFB Reference Voltage at 20 V nominal
output voltage
VBUS = 20 V, current sense resistor
voltage, Vcs = 0 V
VCVR−20V
1.940
2.000
2.060
V
Feedback Section
CATH(FB) pin sink/source current (Note 5)
CATH(FB) as a sink (Note 6)
ICATH−SNK
2
mA
CATH(FB) pin sink/source current (Note 5)
CATH(FB) as a source (Note 6)
IFB−SRC
−2
mA
Discharge Section
VBUS to GND Leakage Resistance
DC_EN = 0 V, VBUS not sourced
RDISC−VBUS
72.4
155
kW
VBUS Pin Sink Current
VBUS = 20 V and being discharged
IDISC−SNK
250
mA
Discharge Time
During VBUS voltage transition of
voltage step v 0.5 V,
final VVBUS > 13 V
tDISC−11
5.5
7
8.5
ms
Discharge Time
During VBUS voltage transition of
voltage step v 0.5 V,
final VVBUS < 13 V
tDISC−10
51
55
60
ms
Discharge Time
During VBUS voltage transition of
voltage step > 0.5 V,
final VVBUS > 13 V
tDISC−01
16.5
19
21.5
ms
Discharge Time
During VBUS voltage transition of
voltage step > 0.5 V,
final VVBUS < 13 V
tDISC−00
205.5
221
236.5
ms
Over Temperature Protection (OTP) Section
Current Source on NTC Pin
Resistance to ground on NTC =
3.293 kW
INTC
55
60
65
mA
Debounce Time for External Over Temper-
ature Protection (E_OTP)
Over temperature event
tNTC−DEB
90
ms
Over Temperature Warning Threshold on
NTC pin at 100°C (Note 8)
Resistance to ground on NTC =
4.247 kW
VNTC−WARN
0.234
0.256
0.276
V
Over Temperature Protection Threshold on
NTC pin at 100°C (Note 8)
Resistance to ground on NTC =
3.293 kW
VNTC−OTP
0.181
0.198
0.214
V
Internal Over Temperature Protection
(I_OTP) Threshold (Note 8)
TI_OTP
135
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com