Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor FUSB3317 Datasheet HTML 12Page - ON Semiconductor FUSB3317 Datasheet HTML 13Page - ON Semiconductor FUSB3317 Datasheet HTML 14Page - ON Semiconductor FUSB3317 Datasheet HTML 15Page - ON Semiconductor FUSB3317 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FUSB3317
www.onsemi.com
13
PDIV0, PDIV1
These pins are prepared in addition to the fuse bits to
provide a PDP range of 7.5W to 100W. FUSB3317 changes
PDP dynamically once either PDV1 or PDIV0 is changed so
the new PD message will be sent by the voltage change of
PDIVx. The table below is PDP setting logic by PDIVx.
PDIV1:PDIV0
Current_PDP of FUSB3317
11
100%*max_power_PDP
10
75%*max_power_PDP
01
50%*max_power_PDP
00
25%*max_power_PDP
VDD
VDD is 5 V regulator output, please add 2.2
mF capacitor
on the pin. Detail description and block diagram are
mentioned above.
Vconn Over current protection (Vconn OCP)
FUSB3317 will turn on VCONN whenever it needs to
read the eMarker in the cable only if 5 A capability is
supported by trim option. When VCONN is sourced, per
USB PD specification only 100 mW maximum (5 V with
20 mA for the FUSB3317) needs to be supplied for a USB
2.0 source application. If the VCONN current exceeds
ICONN_OCP (typical 50 mA) for tVCONN_OCP then the
FUSB3317 will disable the VCONN supply and abort the
eMarker discovery process. The default maximum current
of 3 A will be used for all source capabilities for USB PD
messages in the latter case and the normal PD messaging
will occurs without interruption. No Alert messages will be
sent but the PD Status message will have a bit to indicate that
the cable limited the FUSB3317 from advertising 5 A source
capabilities.
CC1 and CC2 Over Voltage Protection (CC_OVP)
FUSB3317 protects against the CC1 and CC2 connector
pins being shorted to VBUS up to 27 V and it has the ability
to start protecting the system when the CC voltage is beyond
it normal operating range. If either CC1 or CC2 voltage is
above, VCC−OVP, OVP threshold for tCC−OVP−DEB , then the
FUSB3317 protects the system by triggering this fault and
executing protection as described in Protection Operation
section above.
D+/D− Lines Over Voltage Protection
In order to protect the FUSB3317 when D+ or D− are
short−circuited with small impedance to VBUS, OVP is
incorporated on D+ and D− pin. If voltage on D+ and/or D−
is greater than VDPDM−OVP and the OVP is longer than,
tDPDM−OVP−DEV, OVP debounce, D+/D− line Over−Voltage
Protection is triggered. D+/D− OVP is always enabled in
default. D+ and D− lines have absolute voltage up to 27 V
so that any short to VBUS when VBUS is at its OVP limit
will not destroy the D+ and D− pins since it takes a finite
amount of time after recognizing an OVP on VBUS or
D+/D− before the DC/DC controller is shut off and VBUS
capacitance is discharged.
DISC
DISC pin connects to VBUS path between NFET source
pin and VBUS pin of USB−C connector through about 40
W
series resistor to discharge VBUS capacitor when VBUS
changes from high to low, like 15 V to 5 V. The force
discharge can make the VBUS transition fast enough to meet
the USB PD spec even with large bulk capacitor. DISC
discharge only occurs when VBUS load current is less than
about 250 mA, if the load current is larger than that, the
DISC discharge doesn’t occur. DISC discharge also occurs
at fault conditions such as, OVP, UVP, OCP and OTP on
VBUS or CCx OVP or DP/DM OVP conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com