Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 4Page - ON Semiconductor FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor FUSB3317 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FUSB3317
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS (continued)
For typical values, VVVBAT = 12 V and TA = 25°C. For min/max values, VVVBAT = 5.5 V to 36 V and TJ = −40°C to 125°C; unless otherwise
noted.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
Protection Recovery Section
Duration after Fault Removed before
Normal Operation Resumes (Note 5)
Any fault applied and then removed
and not in debug accessory
operation
t2S−AR−NM
1.8
2.0
2.2
s
Duration after Fault Removed before
Normal Operation Resumes (Note 5)
Any fault applied and then removed
and debug accessory has been
detected
t2S−AR−DM
100
ms
OCP debounce time used for both
detecting an OCP or Current limit condition
tOCP_Debounce
50
60
70
ms
Inputs and Outputs Section
Input LOW Voltage for PDIV1 and PDIV0
PDIVx voltage swept from 0 V to
5.5 V
VIL−PDIVx
0.4
V
Input HIGH Voltage for PDIV1 and PDIV0
PDIVx voltage swept from 0 V to
5.5 V
VIH−PDIVx
VVDD −
0.4
V
Output LOW Voltage for DON and DC_EN
Sink current = 1 mA
VOH
0.4
V
Output HIGH Voltage for DON and DC_EN
Source current = −1 mA
VOH
2.0
V
Type C USB Section
CC1 or CC2 Pull−Up Current for 3A
VVBAT = 12 V, CC1 and CC2 floating
ICCx−3A
304
330
356
mA
Open Circuit Impedance on CC1 or CC2
VVBAT = 12 V, disabled state
ZOPEN−CCx
126
kW
Ra Detection Voltage Threshold
CCx swept from 5.5 V to 0 V, ICCx-3A
applied
VRa−CCx−3A
0.75
0.8
0.85
V
Rd Disconnect Detection Voltage
Threshold
CCx swept from 5.5 V to 0 V, ICCx-3A
applied
VRd−CCx−3A
2.45
2.60
2.75
V
Debounce Time before SRC Detection
Rd connected to CC1 or CC2
tCCx−DEB
100
150
200
ms
VCONN Voltage Range
When eMarker being discovered
VVCONN
3.0
5.5
V
VCONN Current Supplied
When eMarker being discovered
IVCONN
34
mA
VCONN Over Current Protection Threshold
When eMarker being discovered
IVCONN−OCP
50
mA
CC1 or CC2 Over Voltage Protection
VCC−OVP
5.5
5.75
6.0
V
CC1 or CC2 OVP Debounce Time
tCCOVP−DEB
100
ms
D+ or D− Over Voltage Protection
VDPDM−OVP
4.1
4.35
4.6
V
D+ or D− OVP Debounce Time
TDPDM−OVP−DEB
4.5
ms
USB Power Delivery BMC Section
BMC Period
tUI
3.03
3.7
ms
BMC Transmitter Rise Time
tRISE−BMC
300
ns
BMC Transmitter Fall Time
tFALL−BMC
300
ns
BMC Transmitter Driver Impedance
zDRIVER
33
75
W
BMC Receiver Bandwidth Limiting Filter
tRX−FILTER
100
ns
BMC Receiver Capacitance (Note 5)
BMC driver is not turned on
cRECEIVER
15
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25_C
6. Refer to the APPLICATION INFORMATION section.
7. Values based on design and/or characterization.
8. Guaranteed by design/characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com