Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB3317 Datasheet HTML 1Page - ON Semiconductor FUSB3317 Datasheet HTML 2Page - ON Semiconductor FUSB3317 Datasheet HTML 3Page - ON Semiconductor FUSB3317 Datasheet HTML 4Page - ON Semiconductor FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2020
May, 2022 − Rev. 0
1
Publication Order Number:
FUSB3317/D
Automotive USB Power
Delivery Source Controller
for USB-Ct
FUSB3317
FUSB3317 is a highly integrated USB Power Delivery (PD) power
Source controller for USB−C that implements all functionality of USB
Power Delivery 3.1 (PD) and Type−C
t 2.0 including Programmable
Power Supplies (PPS). The FUSB3317 directly interfaces with a
DC−DC regulator saving the cost of a load switch FET.
FUSB3317 supports various protections, adaptive Under Voltage
Protection (UVP), adaptive Over Voltage Protection (OVP), Over
Current Protection (OCP), CC1 and CC2 Over Voltage Protection
(CC_OVP), D+ and D− Over Voltage Protection (D_OVP), VCONN
Over Current Protection (VCONN_OCP), and internal and external
Over Temperature protection (I_TOP and E_OTP).
Features
• PD 3.1 v1.0 and Type−C 2.0 Compliant
• Constant Voltage (CV) and Constant Current Limit (CL) Regulation
• Small Current Sensing Resistor (5 mW) for High Efficiency
• Directly Off Automotive Battery 4 V to 45 V Operation, Iq < 100 mA
• CC1/CC2/D+/D− Pin Protection Up to 27 V
• Automatically Scales Power Based on VBAT & NTC Temperature
• Resistor Divider or Battery Charging (BC1.2) CDP Mode
• Internal VDD and VCONN Generation
• Adaptive UVP, Adaptive OVP, I_OTP, E_OTP, CC_OVP, D_OVP
and VCONN_OCP Fault Detection
• 20−pin 4 mm x 4 mm QFNW (Wettable Flanks) Package
• This is a Pb−Free Device
Typical Applications
• Power Delivery Source Controller
• DC−DC Controller Interface to USB−C Connector
End Products
• Automotive USB−C Charging Only Port
• Automotive USB−C Data and Charging Port
• Mobile and Computing Multi−Port Adapters
• Industrial Charging USB PD Ports
QFNW20 4x4, 0.5P
CASE 484AT
MARKING DIAGRAM
See detailed ordering and shipping information on page 14 of
this data sheet.
ORDERING INFORMATION
FUSB3317V6A = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
3317
V6A
ALYWG
1


Similar Part No. - FUSB3317

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
FUSB3301MPX ONSEMI-FUSB3301MPX Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
FUSB3307 ONSEMI-FUSB3307 Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MNWTWG ONSEMI-FUSB3307D6MNWTWG Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MX ONSEMI-FUSB3307D6MX Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
More results

Similar Description - FUSB3317

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
USB Type-C Power Delivery Controller
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A12MWV-Z ROHM-BM92A12MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A13MWV-Z ROHM-BM92A13MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A21MWV-Z ROHM-BM92A21MWV-Z Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com