Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB3317 Datasheet HTML 1Page - ON Semiconductor FUSB3317 Datasheet HTML 2Page - ON Semiconductor FUSB3317 Datasheet HTML 3Page - ON Semiconductor FUSB3317 Datasheet HTML 4Page - ON Semiconductor FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FUSB3317
www.onsemi.com
3
Block Diagram
Figure 2. Simplified Block Diagram
no
S
Cable Drop
Compensation
VCVR
VCCR
vdd
VIN−1:10
IFB
NTC
VFB
GND
VDD
CATH
(FB)
Mode_
change
VCOMR
BMC
DRIVER
CDR
CRC32
Tx
CRC32
Rx
4B5B
4B5B
BMC
Encode
BMC
Decode
Protocol
(+Timers)
PD
Osc.
CC1
CC2
CC State Machine &
Comparators
vdd
1.1V REG
Policy
Engine
(+Timers)
LF
Osc.
Trim
Band
Gap
IS+
IS−
vdd
DC_EN
VBUS
DISC
Power Enable
vdd
vdd
Analog to Digital
Converter
OVP/UVP/
OCP
VUVP VOVP VCOMR
Protection
vdd
Discharge
VCS−AMP
VCS−AMP
RESET
FAULT
Protection
Trigger
_BLD
Protection
Block
FAULT
Prote
ction
vdd
CVCC
_mode
9R
R
X AVCCR
VCS−AMP
VIN−1:10
Internal temp.
D+
Resistor Divider &
BC 1.2 DCP & CDP
PDIV0
FAULT
D−
Device
Policy
Manage
r (DPM)
State
Machine
PDIV1
DON
Optional
Polarity
Change
VDD
VIN−ON /
VIN−OFF
VBAT
vbus
vbus
vdd
GND
BATUV
Pin Connections
Figure 3. Pinout Diagrams
IS−
VFB
BATUV
CC1
GND
VBUS
PDIV 1
IFB
CATH
VDD
20
19
18
17
13
14
15
4
3
2
1
6
7
8
9
PDIV0
IS+
FUSB3317
QFNW20
GND
NTC
16
DON
DISC
CC2
5
10
12
11
D−
D+
VBAT
IS−
VFB
BATUV
CC1
GND
VBUS
PDIV 1
IFB
CATH
VDD
20
19
18
17
13
14
15
4
3
2
1
6
7
8
9
PDIV0
IS+
GND
NTC
16
DON
DISC
CC2 5
10
12
11
D−
D+
VBAT
FUSB3317
QFNW20
DC_EN
(FB)
(FB)
DC_EN
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com