Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor FUSB3317 Datasheet HTML 12Page - ON Semiconductor FUSB3317 Datasheet HTML 13Page - ON Semiconductor FUSB3317 Datasheet HTML 14Page - ON Semiconductor FUSB3317 Datasheet HTML 15Page - ON Semiconductor FUSB3317 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
FUSB3317
www.onsemi.com
12
Figure 9. Protection Block Diagram
Buck or Buck−Boost
PWM Control
+
−
VBUS
VBAT
CC2
VBUS
Protection Block
Enable Block
Discharge
DISC
DC_EN
9RVIN
RVIN
EN
PWM
V1
OVP/UVP
E_OTP/I_OTP/OCP
CC_OVP/D_OVP
CC1
CC2
VDD
VDD
DC_EN
DC_EN pin is to disable/enable the external VBUS supply
IC like DC−DC converter. So, DC_EN connects to Enable
pin of DC−DC converter. To minimize the current
consumption of DC−DC converter while Sink is not plugged
in, FUSB3317 turns off the DC−DC until sink device
attaches. Once Sink attaches, FUSB3317 detects the CC
attach and enables DC_EN to High after 100msec of CC
debounce to supply VBUS. Also the CATH pin controls the
VBUS to 5 V default along with the DC_EN The initial
VBUS will be 5 Volt by default feedback and the voltage can
be changed following PD contract over CATH. DC_EN is
controlled to Low with sink detach or device reset by POR
or protection mode from OVP/OCP/OTP.
DON and USB2.0 Data Lines
The USB 2.0 Data Lines, D+ and D−, can be externally
connected together via a 100 ohms resistor to provide the
maximum power, a legacy USB device can take, which is
1.5 A per USB Battery Charging v1.2 (BC1.2) specification.
This will usually be the case when a USB−C to micro−B
cable is plugged into this design where this adapter cable has
the required Sink Rd resistors within it to allow the
FUSB3317 to recognize a Type C attach and to source 5 V
on VBUS. The Sink will go through BC1.2 steps of primary
and secondary detection to detect a Dedicated Charging Port
(DCP) via this resistor connection of D+ and D− and takes
1.5 A maximum from VBUS.
Internally, FUSB3317 presents BC1.2 Charging
Downstream Port(CDP) mode in default to provide the
1.5 A of power as well as to make USB signal path
connection between USB PHY, Head unit in automotive
application and sink device. Since USB data, D+, D−, path
have to connect from Sink to FUSB3317 as well as head unit,
there should be 2:1 switch mux externally. DON pin of
FUSB3317 can control the external switch enable or switch
direction control. Below diagram is the example of using
external switch, NIV1241, which has signal switch and TVS
diodes on D+ and D− for ESD protection.
Figure 10. DON Pin Connection to NIV1241
With sink attach, the FUSB3317 controls the DON pin
High to close the USB D+/D− signals between head unit and
the attached sink. DON pin is controlled to High about
900 ms after CC debounce and stayed high until sink device
is plugged out. DON pin controls to Low with sink detach
or device reset by POR or protection mode from
OVP/OCP/OTP.
BATUV
BATUV pin monitors VBAT, battery voltage, to know if
the voltage is low enough to send a new PD message to scale
down the negotiated source power data object. The pin can
be left float or either resistor divide input of VBAT. When
the BATUV is float, if VBAT is below VBAT_UVP, max 5.9 V,
or when the BATUV is resistor divide of VBAT and then if
the BATUV drops below, VBAT_TH, 0.6 Volt, the new PD
message will be sent to sink to renegotiate. In both cases, the
2 ms debounce time, tVBATUV_DEB, is applied before
sending scale down message. The scaled down PDP(Power
Delivery Power) by VBAT UVP will be 75% of the max
PDP. For example, at 60 W PDP default, it will change to
45 W by VBAT UVP. Once VBAT UVP is recovered, it will
come back to 60 W.
NTC
NTC pin is to detect external temperature on the board.
NTC will connect to a thermistor which can be placed in the
hottest place on the PCB, it could be next to NFET or close
to the USB−C connector. Once NTC temperature rises to
warning range which is 90
°C, the scale down PDP will be
sent to sink so that the sink will pull less current/power. The
scale is the same as VBAT UVP, 75%. If the NTC detects
above shut down temperature, 100
°C, FUSB3317 enters
fault protection mode and VBUS FET will be shut off and
Sink will be disconnected.
The new PDP table is below in case of either VBAT UVP
or NTC. The PDP scaling minimum is 25% of PDP and PDP
scaling default is 75%.
VBAT−UVP NTC Warning
Resultant_PDP
Yes
No
PDP_scaling*Current_PDP
No
Yes
PDP_scaling*Current_PDP
Yes
Yes
PDP_scaling minimum
*Current_PDP
No
No
Current_PDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com