Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3317 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB3317 Datasheet HTML 1Page - ON Semiconductor FUSB3317 Datasheet HTML 2Page - ON Semiconductor FUSB3317 Datasheet HTML 3Page - ON Semiconductor FUSB3317 Datasheet HTML 4Page - ON Semiconductor FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FUSB3317
www.onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
I/O Type
Description
11
VBUS
Input
Output VBUS voltage to the Type C connector (Input voltage to the FUSB3317 to check for
OVP and UVP)
2
VBAT
Supply
Input power for the FUSB3317 directly from a battery for automotive applications or from
a DC−DC supply for industrial
19
VDD
Output
Supply voltage generated internally from VBAT (output from FUSB3317). This pin is
connected to a 1 mF external capacitor.
13
GND
Ground
Connect to board ground but not connector ground
12
CATH(FB)
Open Drain Output
Feedback to control the power supply. Typically connected to the error amplifier output of
a DC−DC regulator (often called the compensation pin). For a fuse option, connected to
the feedback pin at the resistor divider (FB) of the DC/DC.
8
VFB
Input
Output Voltage Sensing Signal. This pin is used for CV regulation, and it is tied to the
internal CV loop amplifier non−inverting input terminal. It is tied to the output voltage
resistor divider
9
IFB
Input
Constant Current Amplifying Signal. The voltage level at this pin is the amplified current
sense signal.
6
IS+
Input
Current sensing amplifier positive terminal. Connect this pin directly to the positive end of
the current sense resistor with a short PCB trace. This is usually the connector ground
terminal.
7
IS−
Input
Current sensing amplifier negative terminal. Connect this pin directly to the negative end
of the current sense resistor with a short PCB trace. This is usually the board ground.
17
DC_EN
Output
Active High output turns on the DC−DC controller when a Type C Sink is detected.
14
DISC
Open Drain Output
Discharge pin. This pin is tied to VBUS with a discharge resistor in the path to discharge
VBUS at the connector.
3
CC1
I/O
Configuration Channel 1. This pin is used to detect USB Type−C devices and
communicate over USB PD.
5
CC2
I/O
Configuration Channel 2. This pin is used to detect USB Type−C devices and
communicate over USB PD.
20
D+
D+: I/O
D+: Connected to D+
1
D−
D−: I/O
D−: Connected to D−
15
PDIV1
Input
Programmable pin to select different USB Power Delivery Power (PDP) value dynamically
18
PDIV0
Input
Programmable pin to select different USB Power Delivery Power (PDP) value dynamically
16
NTC
I/O
Pin connected to external NTC resistor to sense PCB or connector temperature
10
DON
Output
For USB 2.0 data, this pin is tied to the Switch Control of the USB 2.0 data switch to turn
the switch on (5 V HIGH = Switch ON)
4
BATUV
Input
Determines a threshold at which FUSB3317 will scale down the advertised power since the
battery voltage is too low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com