Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-F3 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-F3 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-F3
Download  FTR-F3 Download
File Size   286.09 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 5A, TV-3 / TV-5 TYPE

FTR-F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-F3 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-F3
Download  FTR-F3 Click to download

File Size   286.09 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 5A, TV-3 / TV-5 TYPE

FTR-F3 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-F3 Product details

FEATURES
High inrush 51A/78A, TV rating capability
Flat and slim power relays
Flat type (right angle type): Height: 7mm, mounting space: 330mm2
Slim type (standard type): Width: 7mm, mounting space: 142mm2
High inrush current contacts
High insulation
Insulation distance: Minimum 6mm between coil and contacts
Dielectric strength: 4,000V
Surge strength: 10,000V
Cadmium free contact for eco-program
Safety standards: UL, CSA, VDE, CQC
Plastic sealed relay, RTIII
RoHS compliant

APPLICATIONS
LCD TVs and other ome appliances that require smaller power supplies




Similar Part No. - FTR-F3

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F3 FUJITSU-FTR-F3 Datasheet
553Kb / 6P
1 POLE 3A SsLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3 Datasheet
355Kb / 8P
POWER RELAY 1 POLE - 3A/5A Slim Type Relay
logo
FCL COMPONENTS LIMITED
FTR-F3-ATEX FCL-FTR-F3-ATEX Datasheet
287Kb / 7P
POWER RELAY 1 POLE - 5A, SLIM TYPE (ATEX COMPLIANT)
January 15, 2025
FTR-F3-CC FCL-FTR-F3-CC Datasheet
487Kb / 7P
POWER RELAY 1 POLE - 5A Change Over Relay
January 9, 2025
More results


Similar Description - FTR-F3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3805 TOSHIBA-2SC3805 Datasheet
176Kb / 3P
NPN EPITAXIAL TYPE (TV HORIZONTAL DEFLECTION, TV CHROMA OUTPUT APPLICATIONS)
16-Jun-1999
TA8879N TOSHIBA-TA8879N Datasheet
1Mb / 60P
1 CHIP NTSC COLOR TV
logo
Infineon Technologies A...
TUA6030 INFINEON-TUA6030 Datasheet
881Kb / 49P
3-Band TV Tuner IC
Specification July 2001
logo
Renesas Technology Corp
M61250BFP RENESAS-M61250BFP Datasheet
759Kb / 50P
NTSC 1 chip TV signal processor
logo
fujitsu semiconductor
FTR-F4 FUJITSU-FTR-F4 Datasheet
684Kb / 6P
2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Ningbo Tianbo Ganglian ...
TRA4 TIANBO-TRA4 Datasheet
1Mb / 3P
UL TV-5 rating relay
logo
fujitsu semiconductor
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com