Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-F3-CC Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-F3-CC Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-F3-CC
Download  FTR-F3-CC Download
File Size   487.31 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE - 5A Change Over Relay

FTR-F3-CC Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-F3-CC Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-F3-CC
Download  FTR-F3-CC Click to download

File Size   487.31 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE - 5A Change Over Relay

FTR-F3-CC Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-F3-CC Product details

FEATURES
APPLICATIONS
High density mounting
Height: 15mm
Mounting space: 164mm2
High insulation:
Insulation distance: 7mm between coil and contacts
Dielectric strength: 4,000V
Surge strength: 10,000V
Cadmium free contact for eco-program
Safety standards: UL, CSA, VDE, CQC
Plastic sealed relay, RTIII
RoHS compliant
Control of industrial equipment, equipment for home appliances




Similar Part No. - FTR-F3-CC

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
FTR-F3-ATEX FCL-FTR-F3-ATEX Datasheet
287Kb / 7P
POWER RELAY 1 POLE - 5A, SLIM TYPE (ATEX COMPLIANT)
January 15, 2025
logo
fujitsu semiconductor
FTR-F3-HA FUJITSU-FTR-F3-HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
FCL COMPONENTS LIMITED
FTR-F3-SLIM FCL-FTR-F3-SLIM Datasheet
287Kb / 7P
POWER RELAY 1 POLE - 3A/5A, SLIM TYPE
Rev. January 9, 2025
More results


Similar Description - FTR-F3-CC

ManufacturerPart #DatasheetDescription
logo
celduc-relais
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
logo
fujitsu semiconductor
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
POWER RELAY 1 POLE - 25A - Latching relay
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com