Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-F3-SLIM Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-F3-SLIM Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-F3-SLIM
Download  FTR-F3-SLIM Download
File Size   287.73 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE - 3A/5A, SLIM TYPE

FTR-F3-SLIM Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-F3-SLIM Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-F3-SLIM
Download  FTR-F3-SLIM Click to download

File Size   287.73 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE - 3A/5A, SLIM TYPE

FTR-F3-SLIM Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-F3-SLIM Product details

FEATURES
High density mounting
Slim type with 7mm width and 142mm2 mounting space
High insulation
Insulation distance: minimum 6mm between coil and contact
Dielectric strength: 4,000V
Surge strength: 10,000V
Glow wire compliant type available which satisfi es GWT required for
relay in IEC/EN60335-1
Cadmium free contact for eco-program
Safety standards
UL, CSA, VDE, CQC
Plastic sealed relay, RTIII
RoHS compliant

APPLICATIONS
Control of factory automation equipment, home appliances etc.




Similar Part No. - FTR-F3-SLIM

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
FTR-F3-ATEX FCL-FTR-F3-ATEX Datasheet
287Kb / 7P
POWER RELAY 1 POLE - 5A, SLIM TYPE (ATEX COMPLIANT)
January 15, 2025
FTR-F3-CC FCL-FTR-F3-CC Datasheet
487Kb / 7P
POWER RELAY 1 POLE - 5A Change Over Relay
January 9, 2025
logo
fujitsu semiconductor
FTR-F3-HA FUJITSU-FTR-F3-HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results


Similar Description - FTR-F3-SLIM

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F3 FUJITSU-FTR-F3 Datasheet
553Kb / 6P
1 POLE 3A SsLIM TYPE RELAY
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com