Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA226 Datasheet (PDF) - Texas Instruments

INA226 Datasheet PDF - Texas Instruments
Part # INA226
Download  INA226 Download
File Size   1450.85 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA226 36V, 16-Bit, Ultra-Precise I2C Output Current, Voltage, and Power Monitor With Alert

INA226 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA226 Datasheet PDF - Texas Instruments

Part # INA226
Download  INA226 Click to download

File Size   1450.85 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA226 36V, 16-Bit, Ultra-Precise I2C Output Current, Voltage, and Power Monitor With Alert

INA226 Datasheet (HTML) - Texas Instruments


INA226 Product details

1 Features
• Senses bus voltages from 0V to 36V
• High-side or low-side sensing
• Reports current, voltage, and power
• High accuracy:
– Gain error: 0.1% (maximum)
– Offset: 10μV (maximum)
• Configurable averaging options
• 16 programmable addresses
• Operates from 2.7V to 5.5V power supply
• 10-pin DGS (VSSOP) package

2 Applications
• Rack servers
• Wireless infrastructure
• High performance computing
• Power management
• Battery cell monitors and balancers
• Power Supplies
• Test Equipment

3 Description
The INA226 is a current shunt and power monitor
with an I2C™- or SMBUS-compatible interface. The
device monitors both a shunt voltage drop and
bus supply voltage. Programmable calibration value,
conversion times, and averaging, combined with an
internal multiplier, enable direct readouts of current in
amperes and power in watts.
The INA226 senses current on common-mode bus
voltages that can vary from 0V to 36V, independent
of the supply voltage. The device operates from
a single 2.7V to 5.5V supply, drawing a typical of
330μA of supply current. The device is specified
over the operating temperature range between –40°C
and 125°C and features up to 16 programmable
addresses on the I2C-compatible interface.




Similar Part No. - INA226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226 TI1-INA226 Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226 TI-INA226 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA226 TI1-INA226 Datasheet
1,021Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA226 TI2-INA226 Datasheet
1Mb / 50P
INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
REVISED SEPTEMBER 2025
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
I2C Compatible Current/Power Monitor
More results


Similar Description - INA226

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
9/06-Revision 0
logo
Texas Instruments
INA236 TI-INA236_V01 Datasheet
2Mb / 40P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
INA236 TI-INA236_V02 Datasheet
1Mb / 43P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V03 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V04 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V05 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com