Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA226 Datasheet (PDF) - Texas Instruments

INA226 Datasheet PDF - Texas Instruments
Part # INA226
Download  INA226 Download
File Size   2015.85 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts

INA226 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA226 Datasheet PDF - Texas Instruments

Part # INA226
Download  INA226 Click to download

File Size   2015.85 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts

INA226 Datasheet (HTML) - Texas Instruments


INA226 Product details

1 Features
• Senses bus voltages from 0V to 26V
• Reports shunt and bus voltage
• High accuracy:
– Offset voltage: ±80μV (maximum)
– Gain error: 0.25% (maximum)
• Configurable averaging options
• Four programmable addresses
• Programmable alert and warning outputs
• Power-supply operation: 2.7V to 5.5V

2 Applications
• Computers
• Power management
• Telecom equipment
• Battery chargers
• Power supplies
• Test equipment
• Data Centers

3 Description
The INA3221 is a three-channel, high-side current
and bus voltage monitor with an I2C- and SMBUScompatible
interface. The INA3221 monitors both
shunt voltage drops and bus supply voltages, in
addition to having programmable conversion times
and averaging modes for these signals. The INA3221
offers both critical and warning alerts to detect
multiple programmable out-of-range conditions for
each channel.
The INA3221 senses current on buses that can vary
from 0V to 26V. The device is powered from a
single 2.7V to 5.5V supply, and draws 350μA (typ)
of supply current. The INA3221 is specified over the
operating temperature range of –40°C to +125°C. The
I2C- and SMBUS-compatible interface features four
programmable addresses.




Similar Part No. - INA226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226 TI1-INA226 Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226 TI-INA226 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA226 TI1-INA226 Datasheet
1,021Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA226 TI2-INA226 Datasheet
1Mb / 40P
INA226 36V, 16-Bit, Ultra-Precise I2C Output Current, Voltage, and Power Monitor With Alert
REVISED SEPTEMBER 2024
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
I2C Compatible Current/Power Monitor
More results


Similar Description - INA226

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
Current and Voltage Monitor with Programmable Overcurrent Alerts
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com