Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA230 Datasheet (PDF) - Texas Instruments

INA230 Datasheet PDF - Texas Instruments
Part # INA230
Download  INA230 Download
File Size   1731.1 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA230 36V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert

INA230 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA230 Datasheet PDF - Texas Instruments

Part # INA230
Download  INA230 Click to download

File Size   1731.1 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA230 36V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert

INA230 Datasheet (HTML) - Texas Instruments


INA230 Product details

1 Features
• Bus voltage sensing from 0V to 36V
• High- or low-side sensing
• Current, voltage, and power reporting
• High accuracy:
– 0.3% gain error (maximum)
– 25μV offset (maximum)
• Configurable averaging options
• Programmable alert threshold
• Power supply operation: 2.7V to 5.5V
• Packages:
– 16-pin RGT (VQFN)
– 10-pin DGS (VSSOP)

2 Applications
• Rack servers
• Wireless infrastructure
• High performance computing
• Power management
• Battery cell monitors and balancers
• Power Supplies
• Test Equipment

3 Description
The INA230 is a current-shunt and power monitor
with an I2C interface that features 16 programmable
addresses. The INA230 monitors both shunt voltage
drops and bus supply voltage. Programmable
calibration value, conversion times, and averaging,
combined with an internal multiplier, enable direct
readouts of current in amperes and power in watts.
The INA230 senses current on buses that vary from
0V to 36V, with the device powered from a single
2.7V to 5.5V supply, drawing 330μA (typical) of supply
current. The INA230 is specified over the operating
temperature range of –40°C to +125°C.




Similar Part No. - INA230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
High- or Low-Side Measurement
INA230 TI1-INA230 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
INA230AIDGSR TI-INA230AIDGSR Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
More results


Similar Description - INA230

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
9/06-Revision 0
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
REV. B
logo
Texas Instruments
INA236 TI-INA236 Datasheet
1Mb / 32P
INA236 48-V, 16-Bit, High-Precision, Current, Voltage, and Power Monitor with an I2C Interface
INA236 TI-INA236_V01 Datasheet
2Mb / 40P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
INA232 TI-INA232 Datasheet
1Mb / 32P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V02 Datasheet
1Mb / 43P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA232 TI-INA232_V01 Datasheet
1Mb / 38P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V03 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA232 TI-INA232_V02 Datasheet
1Mb / 39P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com