Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA381 Datasheet (PDF) - Texas Instruments

INA381 Datasheet PDF - Texas Instruments
Part # INA381
Download  INA381 Download
File Size   2603.83 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator

INA381 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA381 Datasheet PDF - Texas Instruments

Part # INA381
Download  INA381 Click to download

File Size   2603.83 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator

INA381 Datasheet (HTML) - Texas Instruments


INA381 Product details

1 Features
1• Common-mode input range: –0.2 V to +26 V
• High accuracy amplifier:
– Offset voltage at TA = 25°C
– 500 μV (maximum) at VCM = 12 V
– 150 μV (maximum) at VCM = 0 V
– Offset voltage drift: 1 μV/°C (maximum)
– Gain error: 1% (maximum) at 25°C
– Gain error drift: 20 ppm/°C (maximum)
• Available amplifier gains:
– INA381A1: 20 V/V
– INA381A2: 50 V/V
– INA381A3: 100 V/V
– INA381A4: 200 V/V
• Open-drain comparator:
– Hysteresis: 50 mV
– Propagation delay: 400 ns (typ)
– Alert threshold set through external reference
voltage
– Supports transparent and latching modes
• Packages: VSSOP-10 and WSON-8

2 Applications
• Merchant network and server PSU
• Merchant DC/DC
• DC-input BLDC motor drive
• Cordless power tool
• Headsets, headphones and earbuds

3 Description
The INA381 includes both a 26-V common-mode,
current-sensing amplifier and a high-speed
comparator. This device detects overcurrent
conditions by measuring the voltage developed
across a current-shunt resistor and comparing that
voltage to a user-defined threshold limit set by the
comparator reference pin. The current-shunt monitor
can measure differential voltage signals on commonmode
voltages that vary from –0.2 V up to 26 V,
independent of the supply voltage.
The open-drain alert output can be configured to
operate in two modes: transparent or latched. In
transparent mode, the output status follows the input
state. In latched mode, the alert output is cleared only
when the latch is reset. The standalone comparator
large-signal alert response time is less than 2 μs,
allowing for quick detection of overcurrent events.
The total system overcurrent protection response
time provided by the INA381 is less than 10 μs.
This device operates from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 350 μA.
The device is specified over an operating temperature
range of –40°C to +125°C, and is available in 8-pin
WSON and 10-pin VSSOP packages.




Similar Part No. - INA381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA381 TI1-INA381 Datasheet
1Mb / 27P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381 Datasheet
1Mb / 30P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381 Datasheet
2Mb / 43P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
INA381 TI1-INA381 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
INA381-Q1 TI1-INA381-Q1 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
More results


Similar Description - INA381

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
logo
Texas Instruments
LMP8480-Q1 TI1-LMP8480-Q1 Datasheet
2Mb / 27P
Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
logo
Linear Technology
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
Texas Instruments
INA381 TI1-INA381_V01 Datasheet
2Mb / 43P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
INA381-Q1 TI1-INA381-Q1 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
logo
STMicroelectronics
TSC200 STMICROELECTRONICS-TSC200 Datasheet
2Mb / 18P
High voltage, current sense amplifier with open drain comparator and ref
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com