Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7720 Datasheet (PDF) - Texas Instruments

ISO7720 Datasheet PDF - Texas Instruments
Part # ISO7720
Download  ISO7720 Download
File Size   2380.93 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators

ISO7720 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7720 Datasheet PDF - Texas Instruments

Part # ISO7720
Download  ISO7720 Click to download

File Size   2380.93 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators

ISO7720 Datasheet (HTML) - Texas Instruments


ISO7720 Product details

1 Features
• 100 Mbps data rate
• Robust isolation barrier:
– >30-Year projected lifetime at 1.5 kVRMS
working voltage
– Up to 5000 VRMS Isolation Rating
– Up to 12.8 kV surge capability
– ±100 kV/μs Typical CMTI
• Wide supply range: 2.25 V to 5.5 V
• 2.25-V to 5.5-V level translation
• Default output High (ISO772x) and Low
(ISO772xF) Options
• Wide temperature range: –55°C to +125°C
• Low power consumption, typical 1.7 mA per
channel at 1 Mbps
• Low propagation delay: 11 ns typical
• Robust electromagnetic compatibility (EMC)
– System-Level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16, DWV-8) and Narrow-SOIC
(D-8) package options
• Automotive Version Available: ISO772x-Q1
• Safety-Related Certifications
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 61010-1, IEC 62368-1, IEC 60601-1, and
GB 4943.1 certifications

2 Applications
• Industrial automation
• Motor control
• Power supplies
• Solar inverters
• Medical equipment

3 Description
The ISO772x devices are high-performance, dualchannel
digital isolators with 5000 VRMS (DW and
DWV packages) and 3000 VRMS (D package) isolation
ratings per UL 1577. This family includes devices with
reinforced insulation ratings according to VDE, CSA,
TUV and CQC.The ISO7721B device is designed for
applications that require basic insulation ratings only.
The ISO772x devices provide high electromagnetic
immunity and low emissions at low power
consumption, while isolating CMOS or LVCMOS
digital I/Os. Each isolation channel has a logic input
and output buffer separated by a double capacitive
silicon dioxide (SiO2) insulation barrier. The ISO7720
device has both channels in the same direction while
the ISO7721 device has both channels in the opposite
direction. In the event of input power or signal loss,
the default output is high for devices without suffix
F and low for devices with suffix F. See the Device
Functional Modes section for further details.
Used in conjunction with isolated power supplies,
these devices help prevent noise currents on data
buses, such as RS-485, RS-232, and CAN , from
damaging sensitive circuitry. Through innovative chip
design and layout techniques, the electromagnetic
compatibility of the ISO772x devices has been
significantly enhanced to ease system-level ESD,
EFT, surge, and emissions compliance. The ISO772x
family of devices is available in 16-pin SOIC widebody
(DW), 8-pin SOIC wide-body (DWV), and 8-pin
SOIC narrow-body (D) packages.




Similar Part No. - ISO7720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
582Kb / 33P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
2Mb / 42P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
2Mb / 52P
ISO772x-Q1 High-Speed, Robust EMC, Reinforced Dual-Channel Digital Isolators
DECEMBER 2023
More results


Similar Description - ISO7720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740 TI1-ISO7740_V01 Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7740 TI-ISO7740_V02 Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com