Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV593VFP Datasheet (PDF) - Texas Instruments

DRV593VFP Datasheet PDF - Texas Instruments
Part # DRV593VFP
Download  DRV593VFP Download
File Size   1420.66 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±3-A HIGH-EFFICIENCY PWM POWER DRIVER

DRV593VFP Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV593VFP Datasheet PDF - Texas Instruments

Part # DRV593VFP
Download  DRV593VFP Click to download

File Size   1420.66 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±3-A HIGH-EFFICIENCY PWM POWER DRIVER

DRV593VFP Datasheet (HTML) - Texas Instruments


DRV593VFP Product details

1FEATURES
2• Operation Reduces Output Filter Size and Cost
by 50% Compared to DRV591
• ±3-A Maximum Output Current
• Low Supply Voltage Operation: 2.8 V to 5.5 V
• High Efficiency Generates Less Heat
• Overcurrent and Thermal Protection
• Fault Indicators for Overcurrent, Thermal and
Undervoltage Conditions
• Two Selectable Switching Frequencies
• Internal or External Clock Sync
• PWM Scheme Optimized for EMI
• 9×9 mm PowerPAD™ Quad Flatpack Package

APPLICATIONS
• Thermoelectric Cooler (TEC) Driver
• Laser Diode Biasing

DESCRIPTION
The DRV593 and DRV594 are high-efficiency,
high-current power amplifiers ideal for driving a wide
variety of thermoelectric cooler elements in systems
powered from 2.8 V to 5.5 V. The operation of the
device requires only one inductor and capacitor for
the output filter, saving significant printed-circuit
board area. Pulse-width modulation (PWM) operation
and low output stage on-resistance significantly
decrease power dissipation in the amplifier.
The DRV593 and DRV594 are internally protected against thermal and current overloads. Logic-level
fault indicators signal when the junction temperature
has reached approximately 128°C to allow for
system-level shutdown before the amplifier's internal
thermal shutdown circuitry activates. The fault
indicators also signal when an overcurrent event has occurred. If the overcurrent circuitry is tripped, the
devices automatically reset (see application
information section for more details).
The PWM switching frequency may be set to 500 kHz
or 100 kHz depending on system requirements. To
eliminate external components, the gain is fixed at
2.3 V/V for the DRV593. For the DRV594, the gain is
fixed at 14.5 V/V.




Similar Part No. - DRV593VFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV593VFP TI-DRV593VFP Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV593VFP TI1-DRV593VFP Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV593VFPG4 TI1-DRV593VFPG4 Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV593VFPR TI-DRV593VFPR Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV593VFPR TI1-DRV593VFPR Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
More results


Similar Description - DRV593VFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV590 TI-DRV590 Datasheet
237Kb / 16P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI-DRV593 Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV595 TI-DRV595 Datasheet
995Kb / 24P
15V/짹3A High-Efficiency PWM Power Driver
logo
ADTech
ADT6750 ADTECH-ADT6750 Datasheet
77Kb / 1P
PWM High-Efficiency LED driver with a built in internal power MOSFET capable
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI1-DRV593_15 Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com