Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF355 Datasheet (PDF) - Texas Instruments

LF355 Datasheet PDF - Texas Instruments
Part # LF355
Download  LF355 Download
File Size   2102.42 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LFx5x JFET Input Operational Amplifiers

LF355 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF355 Datasheet PDF - Texas Instruments

Part # LF355
Download  LF355 Click to download

File Size   2102.42 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LFx5x JFET Input Operational Amplifiers

LF355 Datasheet (HTML) - Texas Instruments


LF355 Product details

1 Features
1• Advantages
– Replace Expensive Hybrid and Module FET
Op Amps
– Rugged JFETs Allow Blow-Out Free Handling
Compared With MOSFET Input Devices
– Excellent for Low Noise Applications Using
Either High or Low Source Impedance—Very
Low 1/f Corner
– Offset Adjust Does Not Degrade Drift or
Common-Mode Rejection as in Most
Monolithic Amplifiers
– New Output Stage Allows Use of Large
Capacitive Loads (5,000 pF) Without Stability
Problems
– Internal Compensation and Large Differential
Input Voltage Capability
• Common Features
– Low Input Bias Current: 30 pA
– Low Input Offset Current: 3 pA
– High Input Impedance: 1012 Ω
– Low Input Noise Current: 0.01 pA/√Hz
– High Common-Mode Rejection Ratio: 100 dB
– Large DC Voltage Gain: 106 dB
• Uncommon Features
– Extremely Fast Settling Time to 0.01%:
– 4 μs for the LFx55 devices
– 1.5 μs for the LFx56
– 1.5 μs for the LFx57 (AV = 5)
– Fast Slew Rate:
– 5 V/μs for the LFx55
– 12 V/μs for the LFx56
– 50 V/μs for the LFx57 (AV = 5)
– Wide Gain Bandwidth:
– 2.5 MHz for the LFx55 devices
– 5 MHz for the LFx56
– 20 MHz for the LFx57 (AV = 5)
– Low Input Noise Voltage:
– 20 nV/√Hz for the LFx55
– 12 nV/√Hz for the LFx56
– 12 nV/√Hz for the LFx57 (AV = 5)

2 Applications
• Precision High-Speed Integrators
• Fast D/A and A/D Converters
• High Impedance Buffers
• Wideband, Low Noise, Low Drift Amplifiers
• Logarithmic Amplifiers
• Photocell Amplifiers
• Sample and Hold Circuits

3 Description
The LFx5x devices are the first monolithic JFET input
operational amplifiers to incorporate well-matched,
high-voltage JFETs on the same chip with standard
bipolar transistors (BI-FET™ Technology). These
amplifiers feature low input bias and offset
currents/low offset voltage and offset voltage drift,
coupled with offset adjust, which does not degrade drift or common-mode rejection. The devices are also
designed for high slew rate, wide bandwidth,
extremely fast settling time, low voltage and current
noise and a low 1/f noise corner.




Similar Part No. - LF355

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF355 STMICROELECTRONICS-LF355 Datasheet
250Kb / 14P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
Jul-1998
logo
Linear Technology
LF355 LINER-LF355 Datasheet
422Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
National Semiconductor ...
LF355 NSC-LF355 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
LF355 NSC-LF355 Datasheet
543Kb / 15P
Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF355 TI-LF355 Datasheet
2Mb / 32P
LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
More results


Similar Description - LF355

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com