Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF355 Datasheet(PDF) 4 Page - Texas Instruments

Part # LF355
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF355 Datasheet(HTML) 4 Page - Texas Instruments

  LF355 Datasheet HTML 1Page - Texas Instruments LF355 Datasheet HTML 2Page - Texas Instruments LF355 Datasheet HTML 3Page - Texas Instruments LF355 Datasheet HTML 4Page - Texas Instruments LF355 Datasheet HTML 5Page - Texas Instruments LF355 Datasheet HTML 6Page - Texas Instruments LF355 Datasheet HTML 7Page - Texas Instruments LF355 Datasheet HTML 8Page - Texas Instruments LF355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
LF155x, LF256x, LF356B
±22
Supply voltage
V
LF35x
±18
LF15x, LF25x, LF356B
±40
Differential input voltage
V
LF35x
±30
LF15x, LF25x, LF356B
±20
Input voltage(4)
V
LF35x
±16
Output short circuit duration
Continuous
—
LF15x
150
LMC package
LF25x, LF356B, LF35x
115
TJMAX
°C
P package
LF25x, LF356B, LF35x
100
D package
LF25x, LF356B, LF35x
100
TO-99 package
Soldering (10 sec.)
300
Soldering
PDIP package
Soldering (10 sec.)
260
information
°C
(lead temp.)
Vapor phase (60 sec.)
LF25x, LF356B, LF35x
215
SOIC package
Infrared (15 sec.)
LF25x, LF356B, LF35x
220
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is PD = (TJMAX − TA) / θJA or the 25°C PdMAX,
whichever is less.
(3)
If Military/Aerospace specified devices are required, contact the TI Sales Office/Distributors for availability and specifications.
(4)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±1000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
100 pF discharged through 1.5-k
Ω resistor
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
LF15x
±15
VS
±20
LF25x
±15
VS
±20
Supply voltage, VS
V
LF356B
±15
VS
±20
LF35x
±15
LF15x
–55
TA
125
LF25x
–25
TA
85
TA
°C
LF356B
0
TA
70
LF35x
0
TA
70
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com