Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF355 Datasheet(PDF) 21 Page - Texas Instruments

Part # LF355
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF355 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LF355 Datasheet HTML 17Page - Texas Instruments LF355 Datasheet HTML 18Page - Texas Instruments LF355 Datasheet HTML 19Page - Texas Instruments LF355 Datasheet HTML 20Page - Texas Instruments LF355 Datasheet HTML 21Page - Texas Instruments LF355 Datasheet HTML 22Page - Texas Instruments LF355 Datasheet HTML 23Page - Texas Instruments LF355 Datasheet HTML 24Page - Texas Instruments LF355 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
www.ti.com
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
System Examples (continued)
Figure 40. Fast Logarithmic Converter
•
Dynamic range: 100
μA ≤ Ii ≤ 1 mA (5 decades), |VO| = 1 V/decade
•
Transient response: 3
μs for ΔIi = 1 decade
•
C1, C2, R2, R3: added dynamic compensation
•
VOS adjust the LF156 to minimize quiescent error
•
RT: Tel Labs type Q81 + 0.3%/°C
(1)
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com