Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563AH Datasheet (PDF) - STMicroelectronics

TDA7563AH Datasheet PDF - STMicroelectronics
Part # TDA7563AH
Download  TDA7563AH Download
File Size   841.81 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W power amplifier with high efficiency and built-in I2C diagnostic

TDA7563AH Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7563AH Datasheet PDF - STMicroelectronics

Part # TDA7563AH
Download  TDA7563AH Click to download

File Size   841.81 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W power amplifier with high efficiency and built-in I2C diagnostic

TDA7563AH Datasheet (HTML) - STMicroelectronics


TDA7563AH Product details

Features
 Multipower BCD technology
 MOSFET output power stage
 DMOS power output
 New high efficiency (class SB)
 High output power capability 4 x 28 W / 4 Ω @
14.4 V, 1 kHz, 10 % THD, 4 x 50 W max power
 Max. output power 4 x 72 W / 2 Ω
 Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB /12 dB (for low noise
line output function)
– High efficiency enable/disable
– I2C bus digital diagnostics (including DC
and AC load detection)
 Full fault protection
 DC offset detection
 Four independent short circuit protection
 Clipping detector pin with selectable threshold
(2 %/10 %)
 Standby/mute pin
 Linear thermal shutdown with multiple thermal
warning
 ESD protection




Similar Part No. - TDA7563AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7563AH STMICROELECTRONICS-TDA7563AH Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
More results


Similar Description - TDA7563AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
logo
NXP Semiconductors
TDA1562SD NXP-TDA1562SD Datasheet
129Kb / 24P
70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
logo
STMicroelectronics
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com