Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet (PDF) - STMicroelectronics

TDA7567PD Datasheet PDF - STMicroelectronics
Part # TDA7567PD
Download  TDA7567PD Download
File Size   358.15 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W differential quad power amplifier with built-in diagnostics features

TDA7567PD Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7567PD Datasheet PDF - STMicroelectronics

Part # TDA7567PD
Download  TDA7567PD Click to download

File Size   358.15 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W differential quad power amplifier with built-in diagnostics features

TDA7567PD Datasheet (HTML) - STMicroelectronics


TDA7567PD Product details

Description

The TDA7567PD is a new BCD technology quad bridge power amplifier in PowerSO36 package specially intended for automotive applications.



Features

■ Multipower BCD technology

■ MOSFET output power stage

■ DMOS power output

■ Differential Input

■ New high efficiency (class SB)

■ High output power capability 4x28 W/4 Ω@ 14.4 V, 1 kHz, 10% THD, 4x50 W MAX power

■ Max. output power 4x72 W/2 Ω

■ Full I2C bus driving:

    – Standby

    – Independent front/rear soft play/mute

    – Selectable gain 26 dB /16 dB (for low noise line output function)

    – High efficiency enable/disable

    –I2C bus digital diagnostics (including DCand AC load detection)

■ Operates both in I2C and non-I2C bus mode

■ Two selectable I2C bus addresses

■ Full fault protection

■ DC offset detection

■ Four independent short circuit protection

■ Clipping detector pin with selectable threshold (2 %/10 %)

■ Standby/mute pin

■ Linear thermal shutdownwith multiple thermal warning

■ ESD protection




Similar Part No. - TDA7567PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
320Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7567PDTR STMICROELECTRONICS-TDA7567PDTR Datasheet
320Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7567PD STMICROELECTRONICS-TDA7567PD_V01 Datasheet
320Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
18-Sep-2013
More results


Similar Description - TDA7567PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com