Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7567PD Datasheet HTML 4Page - STMicroelectronics TDA7567PD Datasheet HTML 5Page - STMicroelectronics TDA7567PD Datasheet HTML 6Page - STMicroelectronics TDA7567PD Datasheet HTML 7Page - STMicroelectronics TDA7567PD Datasheet HTML 8Page - STMicroelectronics TDA7567PD Datasheet HTML 9Page - STMicroelectronics TDA7567PD Datasheet HTML 10Page - STMicroelectronics TDA7567PD Datasheet HTML 11Page - STMicroelectronics TDA7567PD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical specifications
TDA7567PD
8/30
Doc ID 16903 Rev 1
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the test circuit, VS = 14.4 V; RL = 4 Ω; f = 1 kHz; GV = 26 dB; Tamb = 25 °C; unless
otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vop
Operating supply voltage
18
V
VS
DC supply voltage
28
V
Vpeak
Peak supply voltage (for t = 50 ms)
50
V
VCK
CK pin voltage
6
V
VDATA
Data pin voltage
6
V
IO
Output peak current (not repetitive t = 100 ms)
8
A
IO
Output peak current (repetitive f > 10 Hz)
6
A
Ptot
Power dissipation Tcase = 70 °C
85
W
Tstg, Tj
Storage and junction temperature
-55 to 150
°C
Table 3.
Thermal Data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max.
1
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power amplifier
VS
Supply voltage range
-
8
-
18
V
Id
Total quiescent drain current
-
-
180
300
mA
PO
Output power
MAX power (VS = 15.2 V, square
wave input (2 Vrms))
-50-
W
THD = 10 %
THD = 1 %
25
20
28
22
-
W
W
RL = 2 Ω; THD 10 %
RL = 2 Ω; THD 1 %
RL = 2 Ω; max. power
-
50
40
75
-
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com