Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7567PD Datasheet HTML 9Page - STMicroelectronics TDA7567PD Datasheet HTML 10Page - STMicroelectronics TDA7567PD Datasheet HTML 11Page - STMicroelectronics TDA7567PD Datasheet HTML 12Page - STMicroelectronics TDA7567PD Datasheet HTML 13Page - STMicroelectronics TDA7567PD Datasheet HTML 14Page - STMicroelectronics TDA7567PD Datasheet HTML 15Page - STMicroelectronics TDA7567PD Datasheet HTML 16Page - STMicroelectronics TDA7567PD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TDA7567PD
Diagnostics functional description
Doc ID 16903 Rev 1
13/30
Figure 7.
SVR and output pin behavior (case 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the
current pulse top. The acquisition time is 100 ms (typ.). No audible noise is generated in the
process. As for short to GND / Vs the fault-detection thresholds remain unchanged from 26
dB to 16 dB gain setting. They are as follows:
Figure 8.
Short circuit detection thresholds
Concerning short across the speaker / open speaker, the threshold varies from 26 dB to
16 dB gain setting, since different loads are expected (either normal speaker's impedance
or high impedance). The values in case of 26 dB gain are as follows:
Figure 9.
Load detection thresholds - high gain setting 26 dB
If the line driver mode (Gv = 16 dB and line driver mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 10. Load detection thresholds - low gain setting 16 dB
Bias (power amp turn-on)
permitted time
Turn-on diagnostic
acquisition time (100mS Typ)
t
Read Data
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
Diagnostic Enable
(Turn-on)
Turn-on Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
Diagnostic Enable
(Permanent)
FAULT
event
D01AU1253
S.C. to GND
x
S.C. to Vs
0V
1.8V
VS-1.8V
VS
x
Normal Operation
1.2V
VS-1.2V
S.C. across Load
x
Open Load
0V
1.5
Ω
45
Ω
Infinite
x
Normal Operation
0.5
Ω
85
Ω
AC00060
S.C. across Load
x
Open Load
0
Ω
7
Ω
180
Ω
infinite
x
Normal Operation
1.5
Ω
330
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com