Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7567PD Datasheet HTML 20Page - STMicroelectronics TDA7567PD Datasheet HTML 21Page - STMicroelectronics TDA7567PD Datasheet HTML 22Page - STMicroelectronics TDA7567PD Datasheet HTML 23Page - STMicroelectronics TDA7567PD Datasheet HTML 24Page - STMicroelectronics TDA7567PD Datasheet HTML 25Page - STMicroelectronics TDA7567PD Datasheet HTML 26Page - STMicroelectronics TDA7567PD Datasheet HTML 27Page - STMicroelectronics TDA7567PD Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Software specifications
TDA7567PD
24/30
Doc ID 16903 Rev 1
If R/W = 1, the TDA7567PD sends 4 "Diagnostics Bytes" to µP: DB1, DB2, DB3 and DB4.
D5
Normal muting time (D5 = 0)
Fast muting time (D5 = 1)
D4
Standby on - Amplifier not working - (D4 = 0)
Standby off - Amplifier working - (D4 = 1)
D3
Power amplifier mode diagnostic (D3 = 0)
Line driver mode diagnostic (D3 = 1)
D2
Current detection diagnostic enabled (D2 =1)
Current detection diagnostic defeat (D2 =0)
D1
Right channel power amplifier working in standard mode (D1 = 0)
Power amplifier working in high efficiency mode (D1 = 1)
D0
Left channel power amplifier working in standard mode (D0 = 0)
Power amplifier working in high efficiency mode (D0 = 1)
Table 7.
IB2 (continued)
Bit
Instruction decoding bit
Table 8.
DB1
Bit
Instruction decoding bit
D7
Thermal warning 1 active (D7 = 1) T = 140 °C
D6
Diag. cycle not activated or not terminated (D6 = 0)
Diag. cycle terminated (D6 = 1)
D5
Channel CH3
current detection IB2 (D7) = 0
Output peak current < 300 mA - Open load (D5 = 1)
Output peak current > 500 mA - Normal load (D5 = 0)
Channel CH3
current detection IB2 (D7) = 1
Output peak current < 125 mA - Open load (D5 = 1)
Output peak current > 250 mA - Normal load (D5 = 0)
D4
Channel CH3
Turn-on diagnostic (D4 = 0)
Permanent diagnostic (D4 = 1)
D3
Channel CH3
Normal load (D3 = 0)
Short load (D3 = 1)
D2
Channel CH3
Turn-on diag.: No open load (D2 = 0)
Open load detection (D2 = 1)
Offset diag.: No output offset (D2 = 0)
Output offset detection (D2 = 1)
D1
Channel CH3
No short to Vcc (D1 = 0)
Short to Vcc (D1 = 1)
D0
Channel CH3
No short to GND (D1 = 0)
Short to GND (D1 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com