Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7567PD Datasheet HTML 16Page - STMicroelectronics TDA7567PD Datasheet HTML 17Page - STMicroelectronics TDA7567PD Datasheet HTML 18Page - STMicroelectronics TDA7567PD Datasheet HTML 19Page - STMicroelectronics TDA7567PD Datasheet HTML 20Page - STMicroelectronics TDA7567PD Datasheet HTML 21Page - STMicroelectronics TDA7567PD Datasheet HTML 22Page - STMicroelectronics TDA7567PD Datasheet HTML 23Page - STMicroelectronics TDA7567PD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Address selection and I2C disable
TDA7567PD
20/30
Doc ID 16903 Rev 1
7
Address selection and I2C disable
When the ADSEL/I2CDIS pin is left open the I2C bus is disabled and the device can be
controlled by the STBY/MUTE pin.
In this status (no - I2C bus) the CK pin enables the HIGH-EFFICIENCY MODE (0 = STD
MODE; 1 = HE MODE) and the DATA pin sets the gain (0 = 26 dB; 1 = 16 dB).
When the ADSEL/I2CDIS pin is connected to GND the I2C bus is active with address
<1101100-1>.
To select the other I2C address a resistor must be connected to ADSEL/I2CDIS pin as
following:
0<R<~10k
Ω: I2C bus active with address <1101100x>
~25k<R< 35k
Ω: I2C bus active with address <1101101x>
R>60k: Legacy mode only
(x: read/write bit selector)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com