Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7567PD Datasheet HTML 19Page - STMicroelectronics TDA7567PD Datasheet HTML 20Page - STMicroelectronics TDA7567PD Datasheet HTML 21Page - STMicroelectronics TDA7567PD Datasheet HTML 22Page - STMicroelectronics TDA7567PD Datasheet HTML 23Page - STMicroelectronics TDA7567PD Datasheet HTML 24Page - STMicroelectronics TDA7567PD Datasheet HTML 25Page - STMicroelectronics TDA7567PD Datasheet HTML 26Page - STMicroelectronics TDA7567PD Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TDA7567PD
Software specifications
Doc ID 16903 Rev 1
23/30
9
Software specifications
All the functions of the TDA7567PD are activated by I2C interface.
The bit 0 of the "Address Byte" defines if the next bytes are write instruction (from µP to
TDA7567PD) or read instruction (from TDA7567PD to µP).
Chip address
X = 0 Write to device
X = 1 Read from device
If R/W = 0, the µP sends 2 "Instruction Bytes": IB1 and IB2.
D7
D0
110110
(1)
1.
Address selector bit, please refer to address selection description on Chapter 7.
XD8 Hex
Table 6.
IB1
Bit
Instruction decoding bit
D7
0
D6
Diagnostic enable (D6 = 1)
Diagnostic defeat (D6 = 0)
D5
Offset detection enable (D5 = 1)
Offset detection defeat (D5 = 0)
D4
Front channel
Gain = 26 dB (D4 = 0)
Gain = 16 dB (D4 = 1)
D3
Rear channel
Gain = 26dB (D3 = 0)
Gain = 16dB (D3 = 1)
D2
Mute front channels (D2 = 0)
Unmute front channels (D2 = 1)
D1
Mute rear channels (D1 = 0)
Unmute rear channels (D1 = 1)
D0
CD 2% (D0 = 0)
CD 10% (D0 = 1)
Table 7.
IB2
Bit
Instruction decoding bit
D7
Current detection threshold
High th (D7 = 0)
Low th (D7 =1)
D6
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com