Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7567PD Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7567PD
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7567PD Datasheet HTML 10Page - STMicroelectronics TDA7567PD Datasheet HTML 11Page - STMicroelectronics TDA7567PD Datasheet HTML 12Page - STMicroelectronics TDA7567PD Datasheet HTML 13Page - STMicroelectronics TDA7567PD Datasheet HTML 14Page - STMicroelectronics TDA7567PD Datasheet HTML 15Page - STMicroelectronics TDA7567PD Datasheet HTML 16Page - STMicroelectronics TDA7567PD Datasheet HTML 17Page - STMicroelectronics TDA7567PD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Diagnostics functional description
TDA7567PD
14/30
Doc ID 16903 Rev 1
3.2
Permanent diagnostics
Detectable conventional faults are:
–
Short to GND
–Short to Vs
–
Short across the speaker
The following additional features are provided:
–
Output offset detection
The TDA7567PD has 2 operating status:
1.
RESTART mode. The diagnostic is not enabled. Each audio channel operates
independently from each other. If any of the a.m. faults occurs, only the channel(s)
interested is shut down. A check of the output status is made every 1 ms (Figure 11).
Restart takes place when the overload is removed.
2.
DIAGNOSTIC mode. It is enabled via I2C bus and self activates if an output overload
(such to cause the intervention of the short-circuit protection) occurs to the speakers
outputs. Once activated, the diagnostics procedure develops as follows (Figure 12):
–
To avoid momentary re-circulation spikes from giving erroneous diagnostics, a
check of the output status is made after 1ms: if normal situation (no overloads) is
detected, the diagnostic is not performed and the channel returns back active.
–
Instead, if an overload is detected during the check after 1 ms, then a diagnostic
cycle having a duration of about 100 ms is started.
–
After a diagnostic cycle, the audio channel interested by the fault is switched to
RESTART mode. The relevant data are stored inside the device and can be read
by the microprocessor. When one cycle has terminated, the next one is activated
by an I2C reading. This is to ensure continuous diagnostics throughout the car-
radio operating time.
–
To check the status of the device a sampling system is needed. The timing is
chosen at microprocessor level (over half a second is recommended).
Figure 11. Restart timing without diagnostic enable (permanent) - Each 1ms time, a
sampling of the fault is done
Figure 12. Restart timing with diagnostic enable (permanent)
t
1-2mS
1mS
1mS
1mS
1mS
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
Out
t
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
1-2mS
100/200mS
1mS
1mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com