Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7565 Datasheet (PDF) - STMicroelectronics

TDA7565 Datasheet PDF - STMicroelectronics
Part # TDA7565
Download  TDA7565 Download
File Size   230.91 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad power amplifier with integrated step-up converter

TDA7565 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7565 Datasheet PDF - STMicroelectronics

Part # TDA7565
Download  TDA7565 Click to download

File Size   230.91 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad power amplifier with integrated step-up converter

TDA7565 Datasheet (HTML) - STMicroelectronics


TDA7565 Product details

Features
■ Multipower BCD technology
■ DMOS power output
■ Non-switching high efficiency amplifier
■ Switching high efficiency voltage converter
■ High output power capability:
– 4 x 41 W max @ Vs = 14.4 V
– 4 x 59 W @ Vs = 14.4 V and PWM = 17.5 V
■ Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB - 12 dB (for low noise
line output function)
– High efficiency enable/disable
– Voltage converter enable/disable
– Regulated voltage selection
– Switching frequency selection
■ Hardware mute function
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector with selectable threshold
(1 % / 10 %) via I2C bus




Similar Part No. - TDA7565

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565 Datasheet
121Kb / 10P
QUAD POWER AMPLIFIER WITH BUILT-IN VOLTAGE CONVERTER
Sep-2003
TDA7565 STMICROELECTRONICS-TDA7565 Datasheet
190Kb / 18P
Quad power amplifier with built-in voltage converter
01-Jul-2008
TDA7565 STMICROELECTRONICS-TDA7565_08 Datasheet
190Kb / 18P
Quad power amplifier with built-in voltage converter
01-Jul-2008
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
Quad power amplifier with integrated step-up converter
03-Feb-2010
More results


Similar Description - TDA7565

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565 Datasheet
121Kb / 10P
QUAD POWER AMPLIFIER WITH BUILT-IN VOLTAGE CONVERTER
Sep-2003
logo
National Semiconductor ...
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
Step-up PWM DC/DC Converter Integrated with 4 Buffers
logo
STMicroelectronics
TDA7572 STMICROELECTRONICS-TDA7572 Datasheet
1Mb / 64P
200W mono bridge PWM amplifier with built-in step-up converter
03-Sep-2007
TDA7565 STMICROELECTRONICS-TDA7565_08 Datasheet
190Kb / 18P
Quad power amplifier with built-in voltage converter
01-Jul-2008
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
Quad power amplifier with integrated step-up converter
03-Feb-2010
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com