Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7565 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7565
Description  Quad power amplifier with integrated step-up converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7565 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7565 Datasheet HTML 4Page - STMicroelectronics TDA7565 Datasheet HTML 5Page - STMicroelectronics TDA7565 Datasheet HTML 6Page - STMicroelectronics TDA7565 Datasheet HTML 7Page - STMicroelectronics TDA7565 Datasheet HTML 8Page - STMicroelectronics TDA7565 Datasheet HTML 9Page - STMicroelectronics TDA7565 Datasheet HTML 10Page - STMicroelectronics TDA7565 Datasheet HTML 11Page - STMicroelectronics TDA7565 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical specification
TDA7565
8/19
Doc ID 9800 Rev 5
I2C bus interface
fSCL
Clock frequency
-
-
-
400
KHz
VIL
Input low voltage
-
-
-
1.5
V
VIH
Input high voltage
-
2.3
-
-
V
VMin(pin27) Mute in threshold voltage
Amp. mute
-
-
1.5
V
VMout(pin27) Mute out threshold voltage
-
3.5
-
-
V
AM(pin 27) Mute attenuation
-
80
90
-
-
Voltage converter
Vcc1,
Vcc2
Converter output voltage
(VC = ON)
VS = 14 V
D3 (IB2) = 0; D6 (IB2) = 0
D3 (IB2) = 1; D6 (IB2) = 0
D3 (IB2) = 0; D6 (IB2) = 1
D3 (IB2) = 1; D6 (IB2) = 1
-
15
16.5
17.5
18.5
-V
Fs
Voltage converter switching
frequency
D6 (IB1) = 0; D7 (IB1) = 0
D6 (IB1) = 1; D7 (IB1) = 0
D6 (IB1) = 0; D7 (IB1) = 1
D6 (IB1) = 1; D7 (IB1) = 1
90
135
230
360
-
120
175
300
470
kHz
Vmgl
MOS gate output low voltage
Io = 200 mA
-
1
2
V
Vmgh
MOS gate output high voltage
Io = 20 mA
-
11
-
V
Io = 200 mA
-
9.5
-
V
Vmgclamp MOS gate output clamp voltage
Io = 5 mA
-
11.5
-
V
tf
Fall time
Co = 1 nF
-
20
-
ns
tr
Rise time
Co = 1 nF
-
50
-
ns
Vmgl
(VCoff)
MOS gate output voltage with
voltage converter disabled
Io = 5 mA
-
-
0.5
V
1.
Saturated square wave output.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com