Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7565 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7565
Description  Quad power amplifier with integrated step-up converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7565 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7565 Datasheet HTML 8Page - STMicroelectronics TDA7565 Datasheet HTML 9Page - STMicroelectronics TDA7565 Datasheet HTML 10Page - STMicroelectronics TDA7565 Datasheet HTML 11Page - STMicroelectronics TDA7565 Datasheet HTML 12Page - STMicroelectronics TDA7565 Datasheet HTML 13Page - STMicroelectronics TDA7565 Datasheet HTML 14Page - STMicroelectronics TDA7565 Datasheet HTML 15Page - STMicroelectronics TDA7565 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Software specifications
TDA7565
12/19
Doc ID 9800 Rev 5
4
Software specifications
All the functions of the TDA7565 are activated by I2C interface.
The bit 0 of the "ADDRESS BYTE" defines if the next bytes are write instruction (from µP to
TDA7565) or read instruction (from TDA7565 to µP).
If R/W = 0, the µP sends 2 "Instruction Bytes": IB1 and IB2.
Table 5.
Chip address
Bit
Instruction
D7
Address bit
D6
Address bit
D5
Address bit
D4
Address bit
D3
Address bit
D2
Address bit
D1
Address bit
D0(R/W)
Read/Write bit
0 = Write instruction
1 = read instruction
Table 6.
IB1
Bit
Instruction
D7
Sel. freq. switch 1
D6
Sel. freq. switch 2
D5
Offset detection start (D5 = 1)
Offset detection stop (D5 = 0) (off)
D4
Front channel
Gain = 26dB (D4 = 0)
Gain = 12dB (D4 = 1)
D3
Rear channel
Gain = 26dB (D3 = 0)
Gain = 12dB (D3 = 1)
D2
Mute front channels (D2 = 0)
Unmute front channels (D2 = 1)
D1
Mute rear channels (D1 = 0)
Unmute rear channels (D1 = 1)
D0
CD 1% (D0 = 0)
CD 10% (D0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com