Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-102 Datasheet (PDF) - Prokits Industries Co., LTD

PA-102 Datasheet PDF - Prokits Industries Co., LTD
Part # PA-102
Download  PA-102 Download
File Size   209.33 Kbytes
Page   2 Pages
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD
Description Long Nose Plier (150mm)

PA-102 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-102 Datasheet PDF - Prokits Industries Co., LTD

Part # PA-102
Download  PA-102 Click to download

File Size   209.33 Kbytes
Page   2 Pages
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD
Description Long Nose Plier (150mm)

PA-102 Datasheet (HTML) - Prokits Industries Co., LTD


PA-102 Product details

Physical and function:
Making Pliers :Stamped
Surface Finish of body:Black oxide finished
Material of body:Middle Carbon steels 65Mn(S55C)
Color of body:Black
Spring: Return spring
Handle assemble:Sleeve
Material of handle:TPR
Color of handle:Black, Green
OAL (mm):150




Similar Part No. - PA-102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA-102 ETC-PA-102 Datasheet
543Kb / 1P
Micro Cutting Pliers
More results


Similar Description - PA-102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
logo
PowerDynamics, Inc
PDSN-5 POWERDYNAMICS-PDSN-5 Datasheet
40Kb / 1P
9V BATTERY SNAP W/ FIBER BOARD; 150mm LONG
logo
List of Unclassifed Man...
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
LARGE PLIER CLIP
BU-46A-0 ETC2-BU-46A-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46A-2 ETC2-BU-46A-2 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-0 ETC2-BU-46C-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-023Z ETC2-BU-46C-023Z Datasheet
81Kb / 1P
Miniature Plier-Type Clip
logo
Molex Electronics Ltd.
2002220710 MOLEX-2002220710 Datasheet
23Kb / 1P
Extraction Long Nose Plier Tool for MX150 Connectors
08/25/2022
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com