Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-102 Datasheet(PDF) 2 Page - Prokits Industries Co., LTD

Part # PA-102
Description  Long Nose Plier (150mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

PA-102 Datasheet(HTML) 2 Page - Prokits Industries Co., LTD

  PA-102 Datasheet HTML 1Page - Prokits Industries Co., LTD PA-102 Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROKIT'S INDUSTRIES CO., LTD
5F, No.7, Lane 130, Ming­Chung Rd.,
Hsin­Tien Dist, New Taipei City, Taiwan, R.O.C
TEL:886 2 2218 3233 FAX:+886 2 2218 2722
E­mail:pk@mail.prokits.com.tw
http://www.prokits.com.tw
PRODUCT SPECIFICATION
EN#:4710810387357
PA­102
Long Nose Plier (150mm)
Safety and environmental protection:
RoHS & Pb free:RoHS
Physical and function:
Making Pliers :Stamped
Surface Finish of body:Black oxide finished
Material of body:Middle Carbon steels 65Mn(S55C)
Color of body:Black
Spring:
Return spring
Handle assemble:Sleeve
Material of handle:TPR
Color of handle:Black, Green
OAL (mm):150
Hardness:
Hardness of body (HRC):48±3
Hardness of cutting edge (HRC):48±3
Product Weight (w/o package):
Weight(g)
Measurement
0.075
L(mm)
W(mm)
H(mm)
Individual Packing
Packing:Blister Card
Master Packing:
Pieces
N.W. 
(Kg)
G.W. 
(Kg)
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
­
0.1
18.5
7.5
1.7
­
Inner Box
12
0
0
0
0
0
0
CTN
144
15
16.5
49.5
38.5
26.5
1.78
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com