Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5175-Q1 Datasheet (PDF) - Texas Instruments

LM5175-Q1 Datasheet PDF - Texas Instruments
Part # LM5175-Q1
Download  LM5175-Q1 Download
File Size   1490.57 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller

LM5175-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5175-Q1 Datasheet PDF - Texas Instruments

Part # LM5175-Q1
Download  LM5175-Q1 Click to download

File Size   1490.57 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller

LM5175-Q1 Datasheet (HTML) - Texas Instruments


LM5175-Q1 Product details

1 Features
1• Single Inductor Buck-Boost Controller for Step-
Up/Step-Down DC/DC Conversion
• Wide VIN Range: 3.5 V to 42 V, 60 V Maximum
• Flexible VOUT Range: 0.8 V to 55 V
• VOUT Short Protection
• High Efficiency Buck-Boost Transition
• Adjustable Switching Frequency
• Optional Frequency Sync and Dithering
• Integrated 2-A MOSFET Gate Drivers
• Cycle-by-Cycle Current Limit and Optional Hiccup
• Optional Input or Output Average Current Limiting
• Programmable Input UVLO and Soft-Start
• Power Good and Output Overvoltage Protection
• Selectable CCM or DCM with Pulse Skipping
• Available in HTSSOP-28 and QFN-28 Packages
• Create a Custom Design Using the LM5175 with
the WEBENCH Power Designer

2 Applications
• Automotive Start-Stop Systems
• Backup Battery and Supercapacitor Charging
• Industrial PC Power Supplies
• USB Power Delivery
• LED Lighting

3 Description
The LM5175 is a synchronous four-switch buck-boost
DC/DC controller capable of regulating the output
voltage at, above, or below the input voltage. The
LM5175 operates over a wide input voltage range of
3.5 V to 42 V (60 V maximum) to support a variety of
applications.
The LM5175 employs current-mode control both in
buck and boost modes of operation for superior load
and line regulation. The switching frequency is
programmed by an external resistor and can be
synchronized to an external clock signal.
The device also features a programmable soft-start
function and offers protection features including
cycle-by-cycle current limiting, input undervoltage
lockout (UVLO), output overvoltage protection (OVP),
and thermal shutdown. In addition, the LM5175
features selectable Continuous Conduction Mode
(CCM) or Discontinuous Conduction Mode (DCM)
operation, optional average input or output current
limiting, optional spread spectrum to reduce peak
EMI, and optional hiccup mode protection in
sustained overload conditions.




Similar Part No. - LM5175-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
More results


Similar Description - LM5175-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5177 TI-LM5177 Datasheet
2Mb / 52P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com