Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6492 Datasheet (PDF) - Texas Instruments

LMC6492 Datasheet PDF - Texas Instruments
Part # LMC6492
Download  LMC6492 Download
File Size   1713.14 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC649x Dual and Quad, CMOS, Rail-to-Rail Input/Output Operational Amplifiers

LMC6492 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6492 Datasheet PDF - Texas Instruments

Part # LMC6492
Download  LMC6492 Click to download

File Size   1713.14 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC649x Dual and Quad, CMOS, Rail-to-Rail Input/Output Operational Amplifiers

LMC6492 Datasheet (HTML) - Texas Instruments


LMC6492 Product details

1 Features
• Rail-to-rail input common-mode voltage range,
specified over temperature
• Rail-to-rail output swing within 100mV of supply
rail, 2kΩ load
• Can operate on standard 5V and 15V supplies
• Excellent CMRR and PSRR: 82dB
• Ultra-low input current: 150fA
• Low supply current (at VS = 5V): 500μA/amplifier
• Low offset voltage drift: 1.0μV/°C

2 Applications
• Automotive transducer amplifier
• Pressure sensor
• Oxygen sensor
• Temperature sensor
• Speed sensor

3 Description
The LMC6492 and LMC6494 (LMC649x) amplifiers
were specifically developed for single-supply
applications that operate from −40°C to +125°C. This
feature is an excellent choice for automotive systems
because of the wide temperature range. A unique
design topology enables the LMC649x common-mode
voltage range to accommodate input signals beyond
the rails. This eliminates non-linear output errors
due to input signals exceeding a traditionally limited
common-mode voltage range. The LMC649x signal
range has a high CMRR of 82dB for excellent
accuracy in noninverting circuit configurations.
The LMC649x rail-to-rail input is complemented by
rail-to-rail output swing. This configuration provides
maximum dynamic signal range and is particularly
important in 5V systems.
An ultra-low input current of 150fA and a 120dB openloop
gain provide high accuracy and direct interfacing
with high-impedance sources.




Similar Part No. - LMC6492

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6492 TI1-LMC6492 Datasheet
1Mb / 28P
LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6492AEM NSC-LMC6492AEM Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6492AEM TI1-LMC6492AEM Datasheet
1Mb / 28P
LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492AEM/NOPB TI1-LMC6492AEM/NOPB Datasheet
1Mb / 28P
LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
More results


Similar Description - LMC6492

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Linear Technology
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 27P
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
29-Aug-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com