Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV91X Datasheet (PDF) - STMicroelectronics

TSV91X Datasheet PDF - STMicroelectronics
Part # TSV91X
Download  TSV91X Download
File Size   1498.73 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers

TSV91X Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV91X Datasheet PDF - STMicroelectronics

Part # TSV91X
Download  TSV91X Click to download

File Size   1498.73 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers

TSV91X Datasheet (HTML) - STMicroelectronics


TSV91X Product details

Description
The TSV91x operational amplifiers (op amps) offer low voltage operation and rail-to-rail input and output, as well as an excellent speed/power consumption ratio, providing an 8 MHz gain bandwidth product while consuming only 1.1 mA maximum at 5 V. The op amps are unity gain stable and feature an ultra-low input bias current.
The devices are ideal for sensor interfaces, battery-supplied and portable applications, as well as active filtering.

Features
● Rail-to-rail input and output
● Wide bandwidth
● Low power consumption: 820 µA typ
● Unity gain stability
● High output current: 35 mA
● Operating from 2.5 V to 5.5 V
● Low input bias current, 1 pA typ
● Low input offset voltage: 1.5 mV max (A grade)
● ESD internal protection ≥ 5 kV
● Latch-up immunity

Applications
● Battery-powered applications
● Portable devices
● Signal conditioning
● Active filtering
● Medical instrumentation
● Automotive applications




Similar Part No. - TSV91X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSV91X TI1-TSV91X Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV91X TI1-TSV91X Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV91X TI1-TSV91X Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV91X TI1-TSV91X Datasheet
4Mb / 52P
TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 30P
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
09-May-2025
More results


Similar Description - TSV91X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
STMicroelectronics
TSV912HYDT STMICROELECTRONICS-TSV912HYDT Datasheet
798Kb / 16P
High temperature rail-to-rail input/output 8 MHz operational amplifiers
08-Jul-2010
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com