Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV91X Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV91X
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV91X Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV91X Datasheet HTML 6Page - STMicroelectronics TSV91X Datasheet HTML 7Page - STMicroelectronics TSV91X Datasheet HTML 8Page - STMicroelectronics TSV91X Datasheet HTML 9Page - STMicroelectronics TSV91X Datasheet HTML 10Page - STMicroelectronics TSV91X Datasheet HTML 11Page - STMicroelectronics TSV91X Datasheet HTML 12Page - STMicroelectronics TSV91X Datasheet HTML 13Page - STMicroelectronics TSV91X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical characteristics
TSV91x, TSV91xA
10/27
DocID12584 Rev 10
Table 6: Electrical characteristics at VCC+ = 5 V, VCC- = 0 V, Vicm = VCC/2,
with RL connected to VCC/2, full temperature range (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage, TSV91x
Top = 25 °C
0.1
4.5
mV
Tmin < Top < Tmax
7.5
Offset voltage, TSV91xA
Top = 25 °C
1.5
Tmin < Top < Tmax
3
∆Vio/∆T
Input offset voltage drift
5
μV/°C
Iio
Input offset current (1)
Top = 25 °C
1
10
pA
Tmin < Top < Tmax
100
Iib
Input bias current (1)
Top = 25 °C
1
10
Tmin < Top < Tmax
100
CMR
Common mode rejection
ratio, 20 log (ΔVic/ΔVio)
0 V to 5 V, Vout = 2.5 V,
Top = 25 °C
62
82
dB
Tmin < Top < Tmax
58
SVR
Supply voltage rejection
ratio, 20 log (ΔVCC/ΔVio)
VCC = 2.5 to 5 V
70
86
Avd
Large signal voltage gain
RL = 10
kΩ, Vout = 0.5 V to 4.5 V,
Top = 25 °C
80
91
Tmin < Top < Tmax
75
VCC -
VOH
High-level output voltage
RL = 10
kΩ
15
40
mV
Tmin < Top < Tmax
40
RL = 600
Ω
45
150
Tmin < Top < Tmax
150
VOL
Low-level output voltage
RL = 10
kΩ
15
40
Tmin < Top < Tmax
40
RL = 600
Ω
45
150
Tmin < Top < Tmax
150
Iout
Isink
Vo = 5 V, Top = 25 °C
18
32
mA
Tmin < Top < Tmax
16
Isource
Vo = 0 V, Top = 25 °C
18
35
Tmin < Top < Tmax
16
ICC
Supply current (per
channel)
No load, Vout = 2.5 V
0.78
1.1
Tmin < Top < Tmax
1.1
AC performance
GBP
Gain bandwidth product
RL = 2
kΩ, CL = 100 pF,
f = 100 kHz, Top = 25 °C
8
MHz
Fu
Unity gain frequency
RL = 2
kΩ, CL = 100 pF,
Top = 25 °C
7.5
ϕm
Phase margin
RL = 2
kΩ, CL = 100 pF,
Top = 25 °C
45
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com