Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV91X Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV91X
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV91X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV91X Datasheet HTML 8Page - STMicroelectronics TSV91X Datasheet HTML 9Page - STMicroelectronics TSV91X Datasheet HTML 10Page - STMicroelectronics TSV91X Datasheet HTML 11Page - STMicroelectronics TSV91X Datasheet HTML 12Page - STMicroelectronics TSV91X Datasheet HTML 13Page - STMicroelectronics TSV91X Datasheet HTML 14Page - STMicroelectronics TSV91X Datasheet HTML 15Page - STMicroelectronics TSV91X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical characteristic curves
TSV91x, TSV91xA
12/27
DocID12584 Rev 10
4
Electrical characteristic curves
Figure 2: Input offset voltage distribution at T = 25 °C
Figure 3: Input offset voltage distribution at T = 125 °C
Figure 4: Supply current vs. input common-mode
voltage at VCC = 2.5 V
Figure 5: Supply current vs. input common-mode
voltage at VCC = 5 V
Figure 6: Output current vs. output voltage at
VCC = 2.5 V
Figure 7: Output current vs. output voltage at
VCC = 5 V
°
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com