Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV91X Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSV91X
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV91X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSV91X Datasheet HTML 3Page - STMicroelectronics TSV91X Datasheet HTML 4Page - STMicroelectronics TSV91X Datasheet HTML 5Page - STMicroelectronics TSV91X Datasheet HTML 6Page - STMicroelectronics TSV91X Datasheet HTML 7Page - STMicroelectronics TSV91X Datasheet HTML 8Page - STMicroelectronics TSV91X Datasheet HTML 9Page - STMicroelectronics TSV91X Datasheet HTML 10Page - STMicroelectronics TSV91X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TSV91x, TSV91xA
Electrical characteristics
DocID12584 Rev 10
7/27
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC performance
GBP
Gain bandwidth product
RL = 2
kΩ, CL = 100 pF,
f = 100 kHz, Top = 25 °C
8
MHz
Fu
Unity gain frequency
RL = 2
kΩ, CL = 100 pF,
Top = 25 °C
7.2
ϕm
Phase margin
RL = 2
kΩ, CL = 100 pF,
Top = 25 °C
45
Degrees
Gm
Gain margin
RL = 2
kΩ, CL = 100 pF,
Top = 25 °C
8
dB
SR
Slew rate
RL = 2
kΩ, CL = 100 pF, Av = 1,
Top = 25 °C
4.5
V/μs
en
Equivalent input noise
voltage
f = 10 kHz, Top = 25 °C
21
nV/√Hz
THD+en
Total harmonic distortion
G = 1, f = 1 kHz, RL = 2
kΩ,
BW = 22 kHz, Top = 25 °C,
Vicm = (VCC + 1)/2, Vout = 1.1 Vpp
0.001
%
Notes:
(1)Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com