Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660AIMX/NOPB Datasheet (PDF) - Texas Instruments

LMC660AIMX/NOPB Datasheet PDF - Texas Instruments
Part # LMC660AIMX/NOPB
Download  LMC660AIMX/NOPB Download
File Size   1704.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC66x CMOS Dual Operational Amplifiers

LMC660AIMX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC660AIMX/NOPB Datasheet PDF - Texas Instruments

Part # LMC660AIMX/NOPB
Download  LMC660AIMX/NOPB Click to download

File Size   1704.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC66x CMOS Dual Operational Amplifiers

LMC660AIMX/NOPB Datasheet (HTML) - Texas Instruments


LMC660AIMX/NOPB Product details

1 Features
• Rail-to-rail output swing
• Specified for 2kΩ and 600Ω loads
• High voltage gain: 126dB
• Low input offset voltage: 3mV
• Low offset voltage drift: 1.3μV/°C
• Ultra low input bias current: 2fA
• Low voltage noise: 22nV/√Hz
• Input common-mode range includes V−
• Operating range from 4.75V to 15.5V supply
• ISS = 400μA/amplifier; Independent of V+
• Slew rate: 1.1V/μs

2 Applications
• High-impedance buffer or preamplifier
• Precision current-to-voltage converter
• Long-term integrator
• Sample-and-hold circuit
• Peak detector
• Medical instrumentation
• Industrial controls
• Automotive sensors

3 Description
The dual LMC662 and quad LMC660 (LMC66x) are
CMOS operational amplifiers designed for operation
from a single supply, and built with TI's advanced
CMOS process. The device operates from 5V to 15V
and features rail-to-rail output swing in addition to
an input common-mode range that includes ground.
Performance limitations that have plagued CMOS
amplifiers in the past are not a problem with this
design. Input offset voltage (VOS), offset drift, and
broadband noise as well as voltage gain into realistic
loads (2kΩ and 600Ω) are all equal to or better than
widely accepted bipolar equivalents.




Similar Part No. - LMC660AIMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC660AIMX/NOPB TI1-LMC660AIMX/NOPB Datasheet
1Mb / 22P
LMC660 CMOS Quad Operational Amplifier
More results


Similar Description - LMC660AIMX/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
March 4, 2010
logo
STMicroelectronics
TS272IDT STMICROELECTRONICS-TS272IDT Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
Low-power CMOS dual operational amplifiers
18-Aug-2009
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272ACD STMICROELECTRONICS-TS272ACD Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com