Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS272AID Datasheet (PDF) - STMicroelectronics

TS272AID Datasheet PDF - STMicroelectronics
Part # TS272AID
Download  TS272AID Download
File Size   208.61 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS

TS272AID Datasheet (PDF)

Go To PDF Page Download Datasheet
TS272AID Datasheet PDF - STMicroelectronics

Part # TS272AID
Download  TS272AID Click to download

File Size   208.61 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS

TS272AID Datasheet (HTML) - STMicroelectronics


TS272AID Product details

DESCRIPTION

The TS272 devices are low cost, dual operational amplifiers designed to operate with single or dual supplies. These operational amplifiers use the ST silicon gate CMOS process allowing an excellent consumption-speed ratio. These series are ideally suited for low consumption applications.

Three power consumptions are available allowing to have always the best consumption-speed ratio:



❑ ICC = 10µA/amp.: TS27L2 (very low power)

❑ ICC = 150µA/amp.: TS27M2 (low power)

❑ ICC = 1mA/amp.: TS272 (standard)



These CMOS amplifiers offer very high input impedance and extremely low input currents. The major advantage versus JFET devices is the very low input currents drift with temperature (see figure 2).



■ OUTPUT VOLTAGE CAN SWING TO GROUND

■ EXCELLENT PHASE MARGIN ON CAPACITIVE LOADS

■ GAIN BANDWIDTH PRODUCT: 3.5MHz

■ STABLE AND LOW OFFSET VOLTAGE

■ THREE INPUT OFFSET VOLTAGE SELECTIONS



 




Similar Part No. - TS272AID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272AI STMICROELECTRONICS-TS272AI Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AI STMICROELECTRONICS-TS272AI Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results


Similar Description - TS272AID

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
TS272IDT STMICROELECTRONICS-TS272IDT Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272ACD STMICROELECTRONICS-TS272ACD Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com