Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS272AI Datasheet (PDF) - STMicroelectronics

TS272AI Datasheet PDF - STMicroelectronics
Part # TS272AI
Download  TS272AI Download
File Size   216.53 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS

TS272AI Datasheet (PDF)

Go To PDF Page Download Datasheet
TS272AI Datasheet PDF - STMicroelectronics

Part # TS272AI
Download  TS272AI Click to download

File Size   216.53 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS

TS272AI Datasheet (HTML) - STMicroelectronics


TS272AI Product details

DESCRIPTION

The TS272 devices are low cost, dual operational amplifiers designed to operate with single or dual supplies. These operational amplifiers use the ST silicon gate CMOS process allowing an excellent consumption-speed ratio. These series are ideally suited for low consumption applications.

Three power consumptions are available allowing to have always the best consumption-speed ratio:



❑ ICC = 10µA/amp.: TS27L2 (very low power)

❑ ICC = 150µA/amp.: TS27M2 (low power)

❑ ICC = 1mA/amp.: TS272 (standard)



These CMOS amplifiers offer very high input impedance and extremely low input currents. The major advantage versus JFET devices is the very low input currents drift with temperature (see figure 2).



■ OUTPUT VOLTAGE CAN SWING TO GROUND

■ EXCELLENT PHASE MARGIN ON CAPACITIVE LOADS

■ GAIN BANDWIDTH PRODUCT: 3.5MHz

■ STABLE AND LOW OFFSET VOLTAGE

■ THREE INPUT OFFSET VOLTAGE SELECTIONS



 




Similar Part No. - TS272AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272AI STMICROELECTRONICS-TS272AI Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results


Similar Description - TS272AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Oct-1997
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
logo
Rohm
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
High Speed with Low Voltage CMOS Operational Amplifiers
logo
STMicroelectronics
TS272IDT STMICROELECTRONICS-TS272IDT Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272ACD STMICROELECTRONICS-TS272ACD Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
Low Voltage Operation High Speed CMOS Operational Amplifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com