Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS272AI Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS272AI
Description  HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS272AI Datasheet(HTML) 1 Page - STMicroelectronics

  TS272AI Datasheet HTML 1Page - STMicroelectronics TS272AI Datasheet HTML 2Page - STMicroelectronics TS272AI Datasheet HTML 3Page - STMicroelectronics TS272AI Datasheet HTML 4Page - STMicroelectronics TS272AI Datasheet HTML 5Page - STMicroelectronics TS272AI Datasheet HTML 6Page - STMicroelectronics TS272AI Datasheet HTML 7Page - STMicroelectronics TS272AI Datasheet HTML 8Page - STMicroelectronics TS272AI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s OUTPUT VOLTAGE CAN SWING TO
GROUND
s EXCELLENT PHASE MARGIN ON
CAPACITIVE LOADS
s GAIN BANDWIDTH PRODUCT: 3.5MHz
s STABLE AND LOW OFFSET VOLTAGE
s THREE INPUT OFFSET VOLTAGE
SELECTIONS
DESCRIPTION
The TS272 devices are low cost, dual operational
amplifiers designed to operate with single or dual
supplies. These operational amplifiers use the ST
silicon gate CMOS process allowing an excellent
consumption-speed ratio. These series are ideally
suited for low consumption applications.
Three power consumptions are available allowing
to have always the best consumption-speed ratio:
u I
CC = 10µA/amp.: TS27L2 (very low power)
u I
CC = 150µA/amp.: TS27M2 (low power)
u I
CC = 1mA/amp.: TS272 (standard)
These CMOS amplifiers offer very high input im-
pedance and extremely low input currents. The
major advantage versus JFET devices is the very
low input currents drift with temperature (see fig-
ure 2).
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
P
TS272C/AC/BC
0°C, +70°C
•••
TS272I/AI/BI
-40°C, +125°C
•••
TS272M/AM/BM
-55°C, +125°C
•••
Example : TS272ACN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1
2
3
45
6
7
8
CC
+
-
-
+
-
+
CC
1 - Output 1
2 - Inverting Input 1
3 - Non-inverting Input 1
4 - V
5 - Non-inverting Input 2
6 - Inverting Input 2
7 - Output 2
8 - V
TS272C,I,M
HIGH PERFORMANCE
CMOS DUAL OPERATIONAL AMPLIFIERS
November 2001


Similar Part No. - TS272AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272AI STMICROELECTRONICS-TS272AI Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results

Similar Description - TS272AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Oct-1997
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
logo
Rohm
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
High Speed with Low Voltage CMOS Operational Amplifiers
logo
STMicroelectronics
TS272IDT STMICROELECTRONICS-TS272IDT Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272ACD STMICROELECTRONICS-TS272ACD Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
Low Voltage Operation High Speed CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com