Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0397 Datasheet (PDF) - Texas Instruments

LMH0397 Datasheet PDF - Texas Instruments
Part # LMH0397
Download  LMH0397 Download
File Size   1877.06 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0397 3G-SDI Bidirectional I/O With Integrated Reclocker

LMH0397 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0397 Datasheet PDF - Texas Instruments

Part # LMH0397
Download  LMH0397 Click to download

File Size   1877.06 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0397 3G-SDI Bidirectional I/O With Integrated Reclocker

LMH0397 Datasheet (HTML) - Texas Instruments


LMH0397 Product details

1 Features
1• User-configurable adaptive cable equalizer or
cable driver with integrated reclocker
• Supports ST-424 (3G), ST-292 (HD), and ST-259
(SD)
• Compatible with DVB-ASI and AES10 (MADI)
• Integrated reclocker locks to SMPTE rates of 2.97
Gbps, 1.485 Gbps, or divide-by-1.001 subrates
and 270 Mbps
• On-Chip 75-Ω termination and return loss
compensation network
• EQ (equalizer) mode:
– Adaptive cable equalizer with integrated
reclocker
– 100-Ω Output driver with de-emphasis
– Reclocked 75-Ω loop-through output
– EQ mode cable reach
(Belden 1694A, SDI_OUT Disabled):
– 200 m at 2.97 Gbps
– 300 m at 1.485 Gbps
– 600 m at 270 Mbps
• CD (cable driver) mode:
– Dual differential output cable drivers with
integrated reclocker
– Adaptive PCB input equalizer
– Reclocked 100-Ω loopback output
• Automatic pre-emphasis and slew rate control on
75-Ω outputs
• Polarity inversion on 75-Ω and 100-Ω outputs
• Automatic power save in absence of input signal
– Power dissipation: 25 mW (typical)
• Power-down control through ENABLE pin
• Single 2.5-V supply
– EQ mode power dissipation: 275 mW (typical)
– CD mode power dissipation: 290 mW (typical)
• Programmable through pins, SPI, or SMBus
interface
• –40°C to +85°C Operating temperature range
• 5-mm × 5-mm, 32-Pin WQFN package
• Pin compatible with the LMH1297 for easy
upgrade to 12G-SDI

2 Applications
• SMPTE compatible serial digital interface
• UHDTV/4K/8K/HDTV/SDTV video
• IP media gateway
• Digital video processing and editing

3 Description
The LMH0397 is a 3G-SDI 75-Ω bidirectional I/O with
integrated reclocker. This device can be configured
either in input mode as an adaptive cable equalizer or
in output mode as a dual cable driver, allowing
system designers the flexibility to use a single BNC
either as an input or output port to simplify HD-SDI
video hardware designs. The integrated reclocker
locks to all supported SMPTE data rates up to 2.97
Gbps in both modes. The bidirectional I/O has an onchip
75-Ω termination and return loss compensation
network that meets the stringent SMPTE return loss
requirements.
An additional 75-Ω driver output allows the LMH0397
to support a variety of system functions. In EQ
(Equalizer) Mode, this second 75-Ω driver can be
used as a loop-through output. In Cable Driver (CD)
Mode, this 75-Ω driver can be used as a second fanout
cable driver. The host-side 100-Ω driver can also
be used as a loopback output in CD Mode for
monitoring purposes.




Similar Part No. - LMH0397

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0397 TI1-LMH0397 Datasheet
736Kb / 12P
3G-SDI Bidirectional I/O With Integrated Reclocker
LMH0397RTVR TI1-LMH0397RTVR Datasheet
736Kb / 12P
3G-SDI Bidirectional I/O With Integrated Reclocker
LMH0397RTVT TI1-LMH0397RTVT Datasheet
736Kb / 12P
3G-SDI Bidirectional I/O With Integrated Reclocker
More results


Similar Description - LMH0397

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
3G/HD/SD-SDI Low Power Quad Video Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
3G/HD/SD-SDI Low Power Quad Video Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
SD-SDI Automatic Reclocker
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
12G UHD-SDI Bidirectional I/O With Integrated Reclocker
LMH0397 TI1-LMH0397 Datasheet
736Kb / 12P
3G-SDI Bidirectional I/O With Integrated Reclocker
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com