Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS Datasheet (PDF) - STMicroelectronics

EFS Datasheet PDF - STMicroelectronics
Part # EFS
Download  EFS Download
File Size   225.51 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STARLIGHT-KIT

EFS Datasheet (PDF)

Go To PDF Page Download Datasheet
EFS Datasheet PDF - STMicroelectronics

Part # EFS
Download  EFS Click to download

File Size   225.51 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STARLIGHT-KIT

EFS Datasheet (HTML) - STMicroelectronics


EFS Product details

DESCRIPTION

The EFS Kit is a 2 chips set used with 7 additional passive components, for Glow switch Starter. The ASD (Application Specific Discretes) includes a bi-directional Power Switch and a Power Supply for the driver. The driver provides a program to ensure a fully optimised linear fluorescent lamp ignition.



FEATURES

VERY WIDE TEMPERATURE RANGE: tube ignition from-30to+85°C

SINGLE SHOT IGNITION FROM -30 to 0°C: 350mA, 1350Vstriking pulse

VERY WIDE POWER RANGE: Fluorescent tube lamp ignition from18 to 70W

EFS2B driver compatible with50/60Hz operation

SELECTABLE PREHEAT TIME:

  EFS2A driver:1.5s or 2.56s(50Hz)

  EFS2B driver:0.74s or 1.24s(50Hz)

  EFS2B driver:0.62s or 1.03s(60Hz)

8 STRIKING PULSES CAPABILITY: for very cold environment or ageing lamp 

STARTER SHUTDOWN WITH FAILED LAMP




Similar Part No. - EFS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EFS(01)-120X120T0800 KEMET-EFS(01)-120X120T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS(01)-240X240T0800 KEMET-EFS(01)-240X240T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS(01)-240X80T0800 KEMET-EFS(01)-240X80T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS(01)-80X80T0800 KEMET-EFS(01)-80X80T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS(02)-120X120T0800 KEMET-EFS(02)-120X120T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
More results


Similar Description - EFS

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Freescale Semiconductor...
TWR-S08LL64-KIT FREESCALE-TWR-S08LL64-KIT Datasheet
85Kb / 3P
Freescale - TWR-S08LL64-KIT - Development Kit
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
Kit
logo
PHOENIX CONTACT
2913159 PHOENIX-2913159 Datasheet
43Kb / 2P
Mounting kit - VL Panel Mounting Kit
2913160 PHOENIX-2913160 Datasheet
44Kb / 2P
Mounting kit - VL BOOKSHELF MOUNTING KIT
2701177 PHOENIX-2701177 Datasheet
43Kb / 2P
Mounting kit - VL PANEL MOUNTING KIT
logo
SparkFun Electronics
ROB-13140 SPARKFUN-ROB-13140 Datasheet
105Kb / 2P
Actobotics Kit - Channel Slider Kit
12????8
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com