Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS Datasheet(PDF) 10 Page - STMicroelectronics

Part # EFS
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button EFS Datasheet HTML 6Page - STMicroelectronics EFS Datasheet HTML 7Page - STMicroelectronics EFS Datasheet HTML 8Page - STMicroelectronics EFS Datasheet HTML 9Page - STMicroelectronics EFS Datasheet HTML 10Page - STMicroelectronics EFS Datasheet HTML 11Page - STMicroelectronics EFS Datasheet HTML 12Page - STMicroelectronics EFS Datasheet HTML 13Page - STMicroelectronics EFS Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EFS
10/14
The driver determines the preheat duration by counting mains cycles. This numeric solution brings
naturally a good precision depending only on the mains frequency tolerance.
With the 2 driver versions, the EFS startlight-kit provides a choice of 4 preheat duration’s. The following
table gives the preheat duration before the first ignition attempt. The seven next preheat duration’s, in case
of unsuccessful ignition attempt, last the half of the first one
6/ PREHEAT PHASE DURATION 50-60Hz:
PREHEAT DURATION
MAINS FREQUENCY
50Hz
60Hz
DRIVER VERSION
EFS2A
EFS2B
EFS2B
Pin 2 connection
GND
VCC
GND
VCC
GND
VCC
1.5s
2.56s
0.74s
1.24s
0.62s
1.03s
During the ignition sequence or once the lamp is lit, the starter checks the state of the lamp (lit or off).
To determine this state, the driver reads the lamp voltage through the resistor bridge (R1+R2+R3, R4).
- If the lamp is off, its voltage equal the mains voltage.
- If the lamp is lit, its voltage is only 80 V (for a 58W lamp).
Thus the lamp state is determined by comparison of the lamp voltage with a programmed detection level.
7/ TUBE STATE DETECTION:
DL
DL
TC
min
TC MAX
min
MAX
LIT Lamp
Voltage
OFF Lamp
Voltage
CORRECT SETTING = NO WAVEFORM
ACROSS THE GREY AREA
Tolerance effects:
Tolerances on resistors (R1, R2, R3 and R4) as
well as on the integrated comparator bring a
tolerance on the set detection level. Thus the
detection level is included in a range delimited by
the maximum and the minimum detection levels
(DLMAX DLmin).
The driver checks the state of the lamp when
mains voltage is maximum, that is to say 5 ms after
the zero crossing mains voltage (50Hz). Here
again internal tolerances bring a tolerance on the
real checking moment (TCmin TCMAX).
How to set the detection level?
Only the R4 resistor value can be set to adjust the detection level. Values of resitors R1 to R3 must match
values of the table RECOMMENDED COMPONENTS ACCORDING TO APPLICATION CONDITIONS of
the page 5. Practically the R4 resistor value has to be set so that neither the OFF lamp voltage nor the LIT
lamp voltage cross the grey area.
The DLMAX and DLmin limits can be calculated as follows:
DL
xR
R
R
R
R
DL
MAX
MAX
MAX
MAX
=
++
+
1265
4
1
2
3
4
.(
)
and
min
min
min =
++
+
1122
4
1
2
3
4
.(
)
min
min
min
xR
R
R
R
R
MAX
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com