Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS Datasheet(PDF) 11 Page - STMicroelectronics

Part # EFS
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button EFS Datasheet HTML 6Page - STMicroelectronics EFS Datasheet HTML 7Page - STMicroelectronics EFS Datasheet HTML 8Page - STMicroelectronics EFS Datasheet HTML 9Page - STMicroelectronics EFS Datasheet HTML 10Page - STMicroelectronics EFS Datasheet HTML 11Page - STMicroelectronics EFS Datasheet HTML 12Page - STMicroelectronics EFS Datasheet HTML 13Page - STMicroelectronics EFS Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EFS
11/14
As required in the IEC 926 standard (§11.5),
“starters which are interchangeable with glow
starters in accordance with IEC 155 shall contain
means for radio interference suppression, the
effect of which is equivalent to that of the radio
interference suppression capacitor prescribed in
7.12 of IEC 155”.
The EFS starlight-kit is compatible with this 5nF
E.M.I. Capacitor which must be connected directly
across the ASD
™ (between pin 3 “TUBE” and pin
4 “GND”).
On the other hand, this E.M.I. capacitor increases
the striking pulse width of about 55% on positive
temperatures.
8/ E.M.I. CAPACITOR:
4
9
7/8/10/11
2/3/5/6
14
13
12
2
5
1
3
4
Rsense
DRIVER
ASD
™
1
C
E.M.I.
8.1. Operation in single lamp configuration
The EFS STARLIGHT-KIT is ideal in the following configurations:
- Single Starter / 230V / 50Hz - Single Starter / 230V / 60Hz - Single Starter / 120V / 60Hz
AC
MAINS
T
U
B
E
®
Note 4: the different driver versions should be chosen according to the table “EFS STARLIGHT KIT PARTS SELECTION” page 2.
Note 5: Components to choose are listed in the table “RECOMMENDED COMPONENTS ACCORDING TO APPLICATION CONDITIONS”
page 5.
8.2. Operation with capacitor for power factor correction:
The EFS STARLIGHT-KIT is also suitable for magnetic ballast including front end parallel capacitor.
The EFS STARLIGHT-KIT is NOT suitable for magnetic ballast including front end serial capacitor.
T
U
B
E
®
LEADING MAGNETIC BALLAST WITH
SERIAL CAPACITOR
AC
MAINS
T
U
B
E
®
MAGNETIC BALLAST WITH SHUNT
PARALLEL CAPACITOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com