Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA109X Datasheet (PDF) - STMicroelectronics

STA109X Datasheet PDF - STMicroelectronics
Part # STA109X
Download  STA109X Download
File Size   1648.5 Kbytes
Page   127 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Accordo2 family – Automotive dual core processor for car radio and display audio application

STA109X Datasheet (PDF)

Go To PDF Page Download Datasheet
STA109X Datasheet PDF - STMicroelectronics

Part # STA109X
Download  STA109X Click to download

File Size   1648.5 Kbytes
Page   127 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Accordo2 family – Automotive dual core processor for car radio and display audio application

STA109X Datasheet (HTML) - STMicroelectronics


STA109X Product details

Features
 AEC-Q100 qualified
Core and infrastructure
 ARM Cortex-R4 MCU running at up to
600 MHz
 MCU memory organization
– L1 Cache: 32K instruction, 32K data
– 32 KB ITCM + 32 KB DTCM
– 1.25 MB embedded SRAM
– STA109x SDRAM controller: 16/32-bit data
up to 166 MHz
– STA108x SDRAM controller: 16-bit data
to 166 MHz
– Serial QIO NOR interface executable in
place
– 16-bit parallel NAND/NOR controller
 32-bit watchdog timer
 16-channel DMA
 8x 32-bit free running times/counters
 5x 16-bit extended function timer (EFT) with
input capture/output compare and PWM
 Real time clock (RTC) with fraction readout
Audio Subsystem
 Sound processing DSPs (450MIPS)
 1x 6 stereo channels hardware Sample Rate
Converter
 6x audio DAC with 103 dB SNR A-Weighted
 9x Rx / 8x Tx audio interfaces (I2S/
multichannel ports)
 1x single ended stereo ADC for AUX IN/Tuner
with internal switching logic; 98 dB SNR
A-Weighted
 1x differential Mono ADC for Voice/Tel-IN with
internal switching logic; 105 dB SNR
Media Interfaces
 2x Secure-Digital Multimedia Memory Card
Interface (SD3.0/MMC4.4/SDIO)
 2x USB 2.0 (1x Host and 1x Dual Role) with
integrated PHY and support of the charging
function
 SPDIF with CDROM block decoder support
Display Subsystem
 STA109x
– TFT controller up to 1024x1024, 18bpp
– Resistive Touch Screen Controller
– Video Input Port, ITU-601/656
– Graphics acceleration
 STA108x
– not present
Embedded Isolated Vehicle Interface
 Dedicated Cortex-M3 core
 256KB isolated embedded memory
 Secured NOR interface
I/O Interfaces
 1x 10 channels 10-bits ADC
 3x I2C multi-master/slave interfaces
 4x UART Controllers
 3x Synchronous Serial Port (SSP/SPI)
 GPIO ports
– STA109x: 7x 32-bit (179 GPIOs)
– STA108x: 6x 32-bit (130 GPIOs)
 JTAG based in-circuit emulator (ICE) with Embedded Trace Module
 CAN ports
– STA10x5: 2
– STA10x0: not present
Operating Conditions
 VDD: 1.14 V - 1.26 V
 VDD_IO: 3.3 V ±10%
 VDD_IO_ON: 3.3 V ±10%,
 Ambient temperature range: -40 / +85 °C




Similar Part No. - STA109X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1090 STMICROELECTRONICS-STA1090 Datasheet
253Kb / 13P
Accordo2 family - Dual core processor for car radio and display audio applications
28-Aug-2015
STA1095 STMICROELECTRONICS-STA1095 Datasheet
253Kb / 13P
Accordo2 family - Dual core processor for car radio and display audio applications
28-Aug-2015
More results


Similar Description - STA109X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
26-Jun-2007
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
STA1080 STMICROELECTRONICS-STA1080 Datasheet
253Kb / 13P
Accordo2 family - Dual core processor for car radio and display audio applications
28-Aug-2015
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com