Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet (PDF) - STMicroelectronics

STA680 Datasheet PDF - STMicroelectronics
Part # STA680
Download  STA680 Download
File Size   784.89 Kbytes
Page   48 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive HD Radio™ baseband receiver

STA680 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA680 Datasheet PDF - STMicroelectronics

Part # STA680
Download  STA680 Click to download

File Size   784.89 Kbytes
Page   48 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive HD Radio™ baseband receiver

STA680 Datasheet (HTML) - STMicroelectronics


STA680 Product details

Features
 AEC-Q100 qualified
 IBOC (in-band on-channel) digital audio
broadcast signal decoding for AM/FM hybrid
and all-digital modes
 Dual-channel HD 1.5 for background scanning
and data services
 HD codec (HDC) audio decompression
 Metadata support for HD Radio reception
 MPS (main program service), SPS
(supplemental program service) and PAD
(program associated data) data decoding
 Advanced HD Radio feature support:
– Apple ID3 tag
– Multicasting
– Electronic program guide (EPG)
– Real-time traffic
 Automatic Audio Alignment (AAA) algorithm
support
 Variable input base-band data-rate I2S-like
interface supporting 650, 675, 744.1875,
912 kS/s data rates
 Secondary RF base-band interface for dual
tuner applications
 Glueless interface to Synchronous SDRAM
addressing up to 512 Mbit of SDRAM in x16
configuration
 Optional Serial Flash memory SPI interface for
application code storage
 IIS serial audio interface with programmable
sample rate converter
 Primary and secondary serial interfaces for
host micro communication based on industry
standard IIC and SPI
 Several General purpose IOs
 One Internal clock oscillator and two internal
PLLs
 External clock input
 1.2 V core supply; 3.3 V I/O supply




Similar Part No. - STA680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA680 STMICROELECTRONICS-STA680 Datasheet
587Kb / 43P
HD Radio base-band receiver
25-Jul-2008
STA680Q STMICROELECTRONICS-STA680Q Datasheet
587Kb / 43P
HD Radio base-band receiver
25-Jul-2008
More results


Similar Description - STA680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA680 STMICROELECTRONICS-STA680 Datasheet
587Kb / 43P
HD Radio base-band receiver
25-Jul-2008
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4682-A10 SILABS-SI4682-A10 Datasheet
998Kb / 3P
Single-Chip, FM/HD Radio Receiver
SI4682-A10-GDR SILABS-SI4682-A10-GDR Datasheet
1,022Kb / 3P
Single-Chip, FM/HD Radio Receiver
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Skyworks Solutions Inc.
SI4613-A10 SKYWORKS-SI4613-A10 Datasheet
695Kb / 3P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
September 12, 2021
SI4617-A10 SKYWORKS-SI4617-A10 Datasheet
692Kb / 4P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor with Seamless Blending
December 6, 2021
SI4693 SKYWORKS-SI4693 Datasheet
826Kb / 5P
Low-Power, High-Performance AM/FM HD Radio™ Baseband Processor
December 6, 2021
logo
STMicroelectronics
TDA7708 STMICROELECTRONICS-TDA7708 Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com